Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 10Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 11Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 12Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 13Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 14Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 15Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 16Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 17Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
0
1
2
3
4
5
6
7
8
9
10
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
Temperature (°C)
14
MSP430FR2111, MSP430FR2110
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current
(2)
Not applicable for devices with HF crystal oscillator only.
(3)
Characterized with a Seiko Crystal SC-32S MS1V-T1K crystal with a load capacitance chosen to closely match the required load.
(4)
Low-power mode 3, includes SVS test conditions:
Current for watchdog timer clocked by ACLK and RTC clocked by XT1 included. Current for brownout and SVS included (SVSHE = 1).
CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 0 (LPM3),
fXT1 = 32768 Hz, fACLK = fXT1, fMCLK = fSMCLK = 0 MHz
(5)
Low-power mode 3, VLO, excludes SVS test conditions:
Current for watchdog timer clocked by VLO included. RTC disabled. Current for brownout included. SVS disabled (SVSHE = 0).
CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 0 (LPM3),
fXT1 = 32768 Hz, fMCLK = fSMCLK = 0 MHz
(6)
RTC periodically wakes every second with external 32768-Hz as source.
5.7
Low-Power Mode LPM3, LPM4 Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (see Figure 5-1
and Figure 5-2)
PARAMETER
VCC
–40°C
25°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
ILPM3,XT1
Low-power mode 3, includes SVS(2) (3) (4)
3.0 V
0.95
1.07
2.13
6.00
µA
2.0 V
0.92
1.03
2.09
ILPM3,VLO
Low-power mode 3, VLO, excludes SVS(5)
3.0 V
0.76
0.87
1.94
5.70
µA
2.0 V
0.74
0.85
1.90
ILPM3, RTC
Low-power mode 3, RTC, excludes SVS(6)
3.0 V
0.88
1.00
2.06
µA
2.0 V
0.86
0.98
2.02
ILPM4, SVS
Low-power mode 4, includes SVS
3.0 V
0.49
0.58
1.60
µA
2.0 V
0.46
0.56
1.57
ILPM4
Low-power mode 4, excludes SVS
3.0 V
0.33
0.42
1.44
µA
2.0 V
0.32
0.41
1.42
ILPM4, RTC, VLO
Low-power mode 4, RTC is soured from VLO,
excludes SVS
3.0 V
0.48
0.59
1.91
µA
2.0 V
0.48
0.58
1.89
ILPM4, RTC, XT1
Low-power mode 4, RTC is soured from XT1,
excludes SVS
3.0 V
0.89
1.04
2.41
µA
2.0 V
0.88
1.02
2.38
5.8
Typical Characteristics – LPM3 Supply Currents
3 V at 25°C and 3 V at 85°C
DVCC = 3 V
RTC Enabled
SVS Disabled
Figure 5-1. Low-Power Mode 3 Supply Current vs Temperature
DVCC = 3 V
RTC Enabled
SVS Disabled
Figure 5-2. Low-Power Mode 3 Supply Current vs Temperature


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz