Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 62 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 58Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 59Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 60Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 61Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 62Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 63Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 64Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 65Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
62
MSP430FR2111, MSP430FR2110
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Applications, Implementation, and Layout
Copyright © 2016, Texas Instruments Incorporated
Figure 7-5 shows the recommended decoupling circuit when an external voltage reference is used. The
internal reference module has a maximum drive current as described in the sections ADC Pin Enable and
1.2-V Reference Settings of the MSP430FR4xx and MSP430FR2xx Family User's Guide.
The reference voltage must be a stable voltage for accurate measurements. The capacitor values that are
selected in the general guidelines filter out the high- and low-frequency ripple before the reference voltage
enters the device. In this case, the 10-µF capacitor is used to buffer the reference pin and filter any low-
frequency ripple. A bypass capacitor of 100 nF is used to filter out any high-frequency noise.
7.2.1.3
Layout Guidelines
Components that are shown in the partial schematic (see Figure 7-5) should be placed as close as
possible to the respective device pins to avoid long traces, because they add additional parasitic
capacitance, inductance, and resistance on the signal.
Avoid routing analog input signals close to a high-frequency pin (for example, a high-frequency PWM),
because the high-frequency switching can be coupled into the analog signal.
7.3
Typical Applications
Table 7-1 lists several TI Designs that reflect the use of the MSP430FR211x family of devices in different
real-world application scenarios. Consult these designs for additional guidance regarding schematic,
layout, and software implementation. For the most up-to-date list of available TI Designs, see the device-
specific product folders listed in Section 8.5.
Table 7-1. TI Designs
DESIGN NAME
LINK
Thermostat Implementation With MSP430FR4xx
TIDM-FRAM-THERMOSTAT
Water Meter Implementation With MSP430FR4xx
TIDM-FRAM-WATERMETER
Remote Controller of Air Conditioner Using Low-Power Microcontroller
TIDM-REMOTE-CONTROLLER-FOR-AC


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz