Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 47Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 48Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 49Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 50Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 51Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 52Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 53Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 54Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
51
MSP430FR2111, MSP430FR2110
www.ti.com
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
Table 6-31. Backup Memory Registers (Base Address: 0660h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Backup memory 0
BAKMEM0
00h
Backup memory 1
BAKMEM1
02h
Backup memory 2
BAKMEM2
04h
Backup memory 3
BAKMEM3
06h
Backup memory 4
BAKMEM4
08h
Backup memory 5
BAKMEM5
0Ah
Backup memory 6
BAKMEM6
0Ch
Backup memory 7
BAKMEM7
0Eh
Backup memory 8
BAKMEM8
10h
Backup memory 9
BAKMEM9
12h
Backup memory 10
BAKMEM10
14h
Backup memory 11
BAKMEM11
16h
Backup memory 12
BAKMEM12
18h
Backup memory 13
BAKMEM13
1Ah
Backup memory 14
BAKMEM14
1Ch
Backup memory 15
BAKMEM15
1Eh
Table 6-32. ADC Registers (Base Address: 0700h)
REGISTER DESCRIPTION
REGISTER
OFFSET
ADC control 0
ADCCTL0
00h
ADC control 1
ADCCTL1
02h
ADC control 2
ADCCTL2
04h
ADC window comparator low threshold
ADCLO
06h
ADC window comparator high threshold
ADCHI
08h
ADC memory control 0
ADCMCTL0
0Ah
ADC conversion memory
ADCMEM0
12h
ADC interrupt enable
ADCIE
1Ah
ADC interrupt flags
ADCIFG
1Ch
ADC interrupt vector word
ADCIV
1Eh
Table 6-33. eCOMP0 Registers (Base Address: 08E0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Comparator control 0
CPCTL0
00h
Comparator control 1
CPCTL1
02h
Comparator interrupt
CPINT
06h
Comparator interrupt vector
CPIV
08h
Comparator built-in DAC control
CPDACCTL
10h
Comparator built-in DAC data
CPDACDATA
12h


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz