Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 41Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 42Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 43Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 44Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 45Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 46Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 47Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 48Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
45
MSP430FR2111, MSP430FR2110
www.ti.com
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
The ADC supports 10 external inputs and 4 internal inputs (see Table 6-14).
(1)
When A7 is used, the PMM 1.2-V reference voltage can be output to this pin by setting the PMM
control register. The 1.2-V voltage can be directly measured by A7 channel.
Table 6-14. ADC Channel Connections
ADCSHSx
ADC CHANNELS
EXTERNAL PIN OUT
0
A0/Veref+
P1.0
1
A1/
P1.1
2
A2/Veref-
P1.2
3
A3
P1.3
4
A4
P1.4
5
A5
P1.5
6
A6
P1.6
7
A7(1)
P1.7
8
Not used
N/A
9
Not used
N/A
10
Not used
N/A
11
Not used
N/A
12
On-chip temperature sensor
N/A
13
Reference voltage (1.5 V)
N/A
14
DVSS
N/A
15
DVCC
N/A
The conversion can be started by software or a hardware trigger. Table 6-15 lists the trigger sources that
are available.
Table 6-15. ADC Trigger Signal Connections
ADCSHSx
TRIGGER SOURCE
BINARY
DECIMAL
00
0
ADCSC bit (software trigger)
01
1
RTC event
10
2
TB0.1B
11
3
eCOMP0 COUT


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz