Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 15Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 16Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 17Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 18Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 19Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 20Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 21Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 22Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
19
MSP430FR2111, MSP430FR2110
www.ti.com
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Specifications
Copyright © 2016, Texas Instruments Incorporated
Table 5-4 lists the frequency characteristics of the DCO FLL.
Table 5-4. DCO FLL, Frequency
Over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO, FLL
FLL lock frequency, 16 MHz, 25°C
Measured at MCLK, internal
trimmed REFO as reference
3.0 V
–1.0%
1.0%
FLL lock frequency, 16 MHz, –40°C to 85°C
3.0 V
–2.0%
2.0%
FLL lock frequency, 16 MHz, –40°C to 85°C
Measured at MCLK, XT1
crystal as reference
3.0 V
–0.5%
0.5%
fDUTY
Duty cycle
Measured at MCLK, XT1
crystal as reference
3.0 V
40%
50%
60%
Jittercc
Cycle-to-cycle jitter, 16 MHz
3.0 V
0.25%
Jitterlong
Long term Jitter, 16 MHz
3.0 V
0.022%
tFLL, lock
FLL lock time
3.0 V
245
ms
Table 5-5 lists the frequency characteristics of the DCO.
(1)
This frequency reflects the achievable frequency range when FLL is either enabled or disabled.
Table 5-5. DCO Frequency
Over recommended operating free-air temperature (unless otherwise noted) (see Figure 5-6)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO, 16 MHz
(1)
DCO frequency, 16 MHz
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
7.8
MHz
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
12.5
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
18.0
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
30.0
fDCO, 12 MHz
(1)
DCO frequency, 12 MHz
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
6.0
MHz
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
9.5
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
13.5
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
22.0
fDCO, 8 MHz
(1)
DCO frequency, 8 MHz
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
3.8
MHz
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
6.5
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
9.5
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
16.0
fDCO, 4 MHz
(1)
DCO frequency, 4 MHz
DCORSEL = 010b,, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
2.0
MHz
DCORSEL = 010b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
3.2
DCORSEL = 010b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
4.8
DCORSEL = 010b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
8.0


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz