Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 12Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 13Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 14Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 15Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 16Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 17Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 18Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 19Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
VBOR
VSVS–
VSVS+
t
V
Power Cycle Reset
SVS Reset
BOR Reset
tBOR
16
MSP430FR2111, MSP430FR2110
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
5.12 Thermal Resistance Characteristics
PARAMETERS
VALUE
UNIT
JA
Junction-to-ambient thermal resistance, still air(1)
QFN 24 pin (RLL)
38.7
ºC/W
TSSOP 16 pin (PW16)
106.5
JC
Junction-to-case (top) thermal resistance(2)
QFN 24 pin (RLL)
39.5
ºC/W
TSSOP 16 pin (PW16)
41.2
JB
Junction-to-board thermal resistance(3)
QFN 24 pin (RLL)
8.6
ºC/W
TSSOP 16 pin (PW16)
51.5
5.13 Timing and Switching Characteristics
5.13.1 Power Supply Sequencing
Figure 5-5 shows the power cycle, SVS, and BOR reset conditions.
Figure 5-5. Power Cycle, SVS, and BOR Reset Conditions
Table 5-1 lists the characteristics of the SVS and BOR.
(1)
A safe BOR can only be correctly generated only if DVCC must drop below this voltage before it rises.
(2)
When an BOR occurs, a safe BOR can be correctly generated only if DVCC is kept low longer than this period before it reaches VSVSH+.
Table 5-1. PMM, SVS and BOR
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOR, safe
Safe BOR power-down level(1)
0.1
V
tBOR, safe
Safe BOR reset delay(2)
10
ms
ISVSH,AM
SVSH current consumption, active mode
VCC = 3.6 V
1.5
µA
ISVSH,LPM
SVSH current consumption, low-power modes
VCC = 3.6 V
240
nA
VSVSH-
SVSH power-down level
1.71
1.81
1.86
V
VSVSH+
SVSH power-up level
1.74
1.88
1.99
V
VSVSH_hys
SVSH hysteresis
80
mV
tPD,SVSH, AM
SVSH propagation delay, active mode
10
µs
tPD,SVSH, LPM
SVSH propagation delay, low-power modes
100
µs


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz