Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR2111IPW16 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR2111IPW16
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IPW16 Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430FR2111IPW16 Datasheet HTML 40Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 41Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 42Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 43Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 44Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 45Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 46Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 47Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
44
MSP430FR2111, MSP430FR2110
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
Table 6-13 summarizes the selection of the Timer_B high-impedance trigger.
(1)
When TB0 is set to PWM output function, both port groups can receive the output, and the output is
controlled by only the PxSEL.y bits.
Table 6-13. TBxOUTH
TB0TRGSEL
TB0OUTH TRIGGER SOURCE
SELECTION
Timer_B PAD OUTPUT HIGH IMPEDANCE
TB0TRGSEL = 0
eCOMP0 output (internal)
P1.6, P1.7, P2.0, P2.1(1)
TB0TRGSEL= 1
P1.2
6.11.9 Backup Memory (BAKMEM)
The BAKMEM supports data retention functionality during LPM3.5 mode. This device provides up to 32
bytes that are retained during LPM3.5.
6.11.10 Real-Time Clock (RTC) Counter
The RTC counter is a 16-bit modulo counter that is functional in AM, LPM0, LPM3, LPM4, and LPM3.5.
This module may periodically wake up the CPU from LPM0, LPM3, LPM4, or LPM3.5 based on timing
from a low-power clock source such as XT1, ACLK, or VLO. In AM, RTC can be driven by SMCLK to
generate high-frequency timing events and interrupts. ACLK and SMCLK both can source to the RTC;
however, only one of them can be selected at any given time. The RTC overflow events trigger:
Timer0_B3 CCR0A
ADC conversion trigger when ADCSHSx bits are set as 01b
6.11.11 10-Bit Analog-to-Digital Converter (ADC)
The 10-bit ADC module supports fast 10-bit analog-to-digital conversions with single-ended input. The
module implements a 10-bit SAR core, sample select control, reference generator, and a conversion result
buffer. A window comparator with lower and upper limits allows CPU-independent result monitoring with
three window comparator interrupt flags.


Similar Part No. - MSP430FR2111IPW16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2111IPW16 TI1-MSP430FR2111IPW16 Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IPW16R TI1-MSP430FR2111IPW16R Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IPW16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com