Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F1101AIDW Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1101AIDW
Description  Mixed Signal Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F1101AIDW Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F1101AIDW Datasheet HTML 16Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 17Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 18Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 19Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 20Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 21Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 22Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 23Page - Texas Instruments MSP430F1101AIDW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241I − SEPTEMBER 1999 − REVISED DECEMBER 2008
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Comparator_A (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
CAON=1
CARSEL=0
CAREF=0
VCC = 2.2 V
25
40
μA
I(DD)
CAON=1, CARSEL=0, CAREF=0
VCC = 3 V
45
60
μA
I
CAON=1, CARSEL=0,
CAREF 1/2/3 no load at
VCC = 2.2 V
30
50
μA
I(Refladder/RefDiode)
CAREF=1/2/3, no load at
P2.3/CA0/TA1 and P2.4/CA1/TA2
VCC = 3 V
45
71
μA
V(IC)
Common-mode input
voltage
CAON =1
VCC = 2.2 V/3 V
0
VCC−1
V
V(Ref025)
Voltage @ 0.25 V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=1,
No load at P2.3/CA0/TA1 and
P2.4/CA1/TA2
VCC = 2.2 V/3 V
0.23
0.24
0.25
V(Ref050)
Voltage @ 0.5V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=2,
No load at P2.3/CA0/TA1 and
P2.4/CA1/TA2
VCC = 2.2 V/3 V
0.47
0.48
0.5
V
(see Figure 6 and Figure 7)
PCA0=1, CARSEL=1, CAREF=3,
No load at P2 3/CA0/TA1 and
VCC = 2.2 V
390
480
540
mV
V(RefVT)
(see Figure 6 and Figure 7)
No load at P2.3/CA0/TA1 and
P2.4/CA1/TA2, TA = 85°C
VCC = 3 V
400
490
550
mV
V(offset)
Offset voltage
See Note 2
VCC = 2.2 V/3 V
−30
30
mV
Vhys
Input hysteresis
CAON=1
VCC = 2.2 V/3 V
0
0.7
1.4
mV
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
160
210
300
ns
t
TA = 25 C, Overdrive 10 mV,
Without filter: CAF=0
VCC = 3 V
90
150
240
ns
t(response LH)
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
1.4
1.9
3.4
μs
TA = 25 C, Overdrive 10 mV,
With filter: CAF=1
VCC = 3 V
0.9
1.5
2.6
μs
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
130
210
300
ns
t
TA = 25 C, Overdrive 10 mV,
Without filter: CAF=0
VCC = 3 V
80
150
240
ns
t(response HL)
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
1.4
1.9
3.4
μs
TA = 25 C, Overdrive 10 mV,
With filter: CAF=1
VCC = 3 V
0.9
1.5
2.6
μs
NOTES:
1. The leakage current for the Comparator_A terminals is identical to Ilkg(Px.x) specification.
2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A inputs on successive measurements.
The two successive measurements are then summed together.


Similar Part No. - MSP430F1101AIDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1101AIDW TI-MSP430F1101AIDW Datasheet
762Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIDW TI-MSP430F1101AIDW Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
MSP430F1101AIDW TI-MSP430F1101AIDW Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIDW TI-MSP430F1101AIDW Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIDWR TI-MSP430F1101AIDWR Datasheet
762Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F1101AIDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com