Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC509AUG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MPC509AUG4
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC509AUG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MPC509AUG4 Datasheet HTML 6Page - Texas Instruments MPC509AUG4 Datasheet HTML 7Page - Texas Instruments MPC509AUG4 Datasheet HTML 8Page - Texas Instruments MPC509AUG4 Datasheet HTML 9Page - Texas Instruments MPC509AUG4 Datasheet HTML 10Page - Texas Instruments MPC509AUG4 Datasheet HTML 11Page - Texas Instruments MPC509AUG4 Datasheet HTML 12Page - Texas Instruments MPC509AUG4 Datasheet HTML 13Page - Texas Instruments MPC509AUG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MPC508A, MPC509A
10
SBFS019A
www.ti.com
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)
A
±V
IN
V
IN –Voltage Across Switch (V)
0
±2
±4
±6
±8
±10
±12
±14
±16
±14
±12
±10
±8
±6
±4
±2
0
ON-CHANNEL CURRENT vs VOLTAGE
–55°C
+25°C
+125°C
ACCESS TIME WAVEFORM
V
A Input
2V/Div
Output A
5V/Div
200ns/Div
V
AM
4.0V
0V
10V
t
A
50%
10V
90%
Address
Drive (V
A)
Output A
MPC
508A(1)
GND
In 2 Thru
In 7
In 1
In 8
Out
A
2
A
1
A
0
En
10M
50
+4V
14pF
V
A
NOTE: (1) Similar connection for MPC509A.
–10V
1000
900
800
700
600
500
400
300
3456789
10
11
12
13
14
15
Logic Level High (V)
ACCESS TIME vs LOGIC LEVEL (High)
Probe
+10V
+15V
V
REF
+V
–15V
–V


Similar Part No. - MPC509AUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC509AUG4 BURR-BROWN-MPC509AUG4 Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AUG4 BURR-BROWN-MPC509AUG4 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AUG4 BURR-BROWN-MPC509AUG4 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC509AUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com