Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430BQ1010IRTVT Datasheet(PDF) 10 Page - Texas Instruments

Part No. MSP430BQ1010IRTVT
Description  WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430BQ1010IRTVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430BQ1010IRTVT Datasheet HTML 6Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 7Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 8Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 9Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 10Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 11Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 12Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 13Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MSP430BQ1010
SLAS696 – DECEMBER 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TYPE
NAME
NO.
I/O
DESCRIPTION
(A/D)
TERMINATION_ENABLE
User configurable pin that enables the power-supply termination feature on the
MSP430BQ1010. Pulling this pin high enables the termination detect function on
MSP430BQ1010 which sends an end power transfer packet, message 0x01, to
26
I
D
the transmitter 5 seconds or 3 minutes after the BQ25046 output current has
dropped below VISET_SCALE_TERM_LO_THRESHOLD or VISET_SCALE_TERM_HI_THRESHOLD
thresholds respectively.
COMM_ILIM_DISABLE
User configurable pin that is used to enable/disable BQ25046 current limit modes
during communication. With COMM_ILIM_DISABLE connected to DVSS, current
27
I
D
limit during communication is enabled, and with COMM_ILIM_DISABLE
connected to DVCC, current limit during communication is disabled.
NC
28
-
-
Connect to VSS
Reserved (VSS/floating)
29
-
-
Reserved. Can be either connected to VSS or left floating
DVCC
30
-
-
Supply voltage (VCC)
NC
31
-
-
Connect to VSS
NC
32
-
-
Connect to VSS
QFN Pad
-
-
-
Connection to DVSS is recommended.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): MSP430BQ1010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn