Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430BQ1010IRTVT Datasheet(PDF) 1 Page - Texas Instruments

Part No. MSP430BQ1010IRTVT
Description  WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430BQ1010IRTVT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430BQ1010IRTVT Datasheet HTML 1Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 2Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 3Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 4Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 5Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 6Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 7Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 8Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MSP430BQ1010
www.ti.com
SLAS696 – DECEMBER 2010
WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
FOR WIRELESS POWER
Check for Samples: MSP430BQ1010
In a wireless power solution, power is transferred
1
FEATURES
from the transmitter coil in the charging pad to the
Enables Wireless Power Solution
receiver coil embedded in the portable device, based
Communication and Voltage/Current
on
near-field
magnetic
induction.
Feedback
Monitoring
information from the receiver is transmitted back to
the
transmitter
via
changes
in
the
reflected
WPC-Compliant Communication Protocol
impedance of the receiver device.
Unique Device ID
The receiver side on the mobile/portable device
Supports TI's BQ25046
consists
of
a
rectification
circuit,
a
voltage-
Optional Battery Power Transfer Termination
conditioning unit, and a control and communications
Fixed-Function Device – No Software
unit. The MSP430BQ1010 device is the control and
Development Required
communications unit that comprises the digital logic
part of the receiver. This unit executes the relevant
5-mm x 5-mm x 0.75-mm 32-Pin RTV (QFN)
power-control algorithms and protocols, monitors
Package
various voltage and current levels, and provides
feedback to the transmitter via the communications
APPLICATIONS
modulator. MSP430BQ1010 devices are specifically
Low-Power (<5 W) Portable Devices Powered
configured and preprogrammed to be fully compliant
by Lithium-Ion Batteries Including:
with the Wireless Power Consortium standards. The
Cell Phones, Smart Phones
Wireless
Power
Consortium
has
developed
a
standard for wireless charging technology to ensure
Headsets
interoperability between various primary and receiver
PDAs
devices.
Portable Media Players
Wireless Power Consortium (WPC)
Other Hand-Held Devices
The consortium is a cooperation of companies,
DESCRIPTION
including Texas Instruments, that wants to ensure
that
the
products
created
are
completely
MSP430BQ1010
is
an
advanced
fixed-function
interoperable.
MSP430BQ1010,
as
part
of
the
device that forms the control and communications
wireless charging receiver solution, complies with the
unit on the receiver side for wireless power transfer in
WPC standard.
portable applications. MSP430BQ1010 complies with
the Wireless Power Consortium (WPC) specification.
Together
with
a
WPC-compliant
transmitter-side
controller, a complete wireless power system is
enabled.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2010, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn