Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430BQ1010IRTVT Datasheet(PDF) 3 Page - Texas Instruments

Part No. MSP430BQ1010IRTVT
Description  WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430BQ1010IRTVT Datasheet(HTML) 3 Page - Texas Instruments

  MSP430BQ1010IRTVT Datasheet HTML 1Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 2Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 3Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 4Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 5Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 6Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 7Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 8Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MSP430BQ1010
www.ti.com
SLAS696 – DECEMBER 2010
ELECTRICAL CHARACTERISTICS
Current Consumption
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
IPeak
Peak operating Current
3.3 V
TBD
µA
ITyp
Typical operating current
3.3 V
TBD
µA
(1)
All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
Wireless Charging Communication Accuracy
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX UNIT
COMM Timing
25°C
3 V
-1
±0.2
1
%
0°C to 85°C
3 V
-2.5
±0.5
2.5
%
0°C to 85°C
3.6 V
TBD
TBD
%
Input Characteristics – RST, TERMINATION_ENABLE, WIRELESS_DISABLE,
COMM_ILIM_DISABLE
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
0.45 VCC
0.75 VCC
V
VIT-
Negative-going input threshold voltage
0.25
0.55
V
Vhys
Input voltage hysteresis (VIT+ - VIT-)
3 V
0.3
1
V
Ilkg
High-impedance leakage current(1)(2)
3 V
±50
nA
For pullup: VIN = VSS
RPull
Pullup/pulldown resistor
20
35
50
k
Ω
For pulldown: VIN = VCC
CI
Input capacitance
VIN = VSS or VCC
5
pF
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
Output Characteristics – COMM_DRIVE, BQ25046_EN1, BQ25046_EN2, MIN_LOAD,
BQ25046_OUT_ENABLE
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I(OHmax) = -1.5 mA
(1)
3 V
VCC - 0.25
VCC
VOH
High-level output voltage
V
I(OHmax) = -6 mA
(2)
3 V
VCC - 0.6
VCC
I(OLmax) = 1.5 mA
(1)
3 V
VSS
VSS + 0.25
VOL
Low-level output voltage
V
I(OLmax) = 6 mA
(2)
3 V
VSS
VSS + 0.6
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined, should not exceed ±12 mA to hold the maximum voltage drop
specified.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined, should not exceed ±48 mA to hold the maximum voltage drop
specified.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): MSP430BQ1010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn