Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430BQ1010IRTVT Datasheet(PDF) 2 Page - Texas Instruments

Part No. MSP430BQ1010IRTVT
Description  WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430BQ1010IRTVT Datasheet(HTML) 2 Page - Texas Instruments

  MSP430BQ1010IRTVT Datasheet HTML 1Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 2Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 3Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 4Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 5Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 6Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 7Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 8Page - Texas Instruments MSP430BQ1010IRTVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
RX
Coil
Resonant
Capacitors
Discrete Rectifier
5-V Output
Communication
Modulator
BQ25046
IN
ISET
VDD13
EN2
EN1
OUT
20 pF
MSP430BQ1010
EN2
EN1
DISABLE_
COMM_ILIM
VIN_DIV
ISET_SCALE
COMM
HI
LO
MSP430BQ1010
SLAS696 – DECEMBER 2010
www.ti.com
Figure 1. Application Schematic
AVAILABLE OPTIONS(1)
PACKAGED DEVICES(2)
TA
PLASTIC 32-PIN QFN (RTV)
–40°C to 85°C
MSP430BQ1010IRTV
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at
www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
Voltage applied at VCC to VSS
-0.3 V to + 4.1 V
Voltage applied to any pin(2)
-0.3 V to (VCC + 0.3 V)
Diode current at any device terminal
-2 mA to +2 mA
Storage temperature, TStg
Programmed device(3)
-40°C to 105°C
Human-Body Model (HBM)
2000 V
Electrostatic discharge (ESD) rating
Charged-Device Model (CDM)
500 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage during program execution
DVCC = VCC
2.8
3.6
V
VSS
Supply voltage
DVSS = VSS
0.0
0.0
V
TA
Operating free-air temperature
-40
85
°C
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): MSP430BQ1010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn