Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430BQ1010IRTVR Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430BQ1010IRTVR
Description  WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430BQ1010IRTVR Datasheet(HTML) 5 Page - Texas Instruments

  MSP430BQ1010IRTVR Datasheet HTML 1Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 2Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 3Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 4Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 5Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 6Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 7Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 8Page - Texas Instruments MSP430BQ1010IRTVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
0
1
t d(BOR)
VCC
V(B_IT−)
Vhys(B_IT−)
VCC(start)
MSP430BQ1010
www.ti.com
SLAS696 – DECEMBER 2010
POR/Brownout Reset (BOR)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(start)
See Figure 4
dVCC/dt ≤ 3 V/s
0.7 × V(B_IT-)
V
V(B_IT–)
See Figure 4 through Figure 6
dVCC/dt ≤ 3 V/s
1.35
V
Vhys(B_IT–)
See Figure 4
dVCC/dt ≤ 3 V/s
140
mV
td(BOR)
See Figure 4
2000
µs
Pulse length needed at RST/NMI pin to
t(reset)
2.2 V
2
µs
accept reset internally
(1)
The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level V(B_IT–) +
Vhys(B_IT–)is ≤ 1.8 V.
Figure 4. POR/Brownout Reset (BOR) vs Supply Voltage
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): MSP430BQ1010


Similar Part No. - MSP430BQ1010IRTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430BQ1010IRTVR TI-MSP430BQ1010IRTVR Datasheet
508Kb / 24P
[Old version datasheet]   WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
More results

Similar Description - MSP430BQ1010IRTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430BQ1010 TI-MSP430BQ1010 Datasheet
508Kb / 24P
[Old version datasheet]   WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
logo
Rohm
BD57015GWL ROHM-BD57015GWL Datasheet
3Mb / 69P
   Wireless Power Receiver IC
BD57011AGWL ROHM-BD57011AGWL Datasheet
2Mb / 24P
   Wireless Power Receiver IC
BD57016GWL ROHM-BD57016GWL Datasheet
4Mb / 62P
   Wireless Power Receiver IC
logo
Toshiba Semiconductor
TC7765WBG TOSHIBA-TC7765WBG Datasheet
654Kb / 28P
   Wireless Power Receiver Controller IC
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
Sanyo Semicon Device
LV2210V SANYO-LV2210V Datasheet
199Kb / 15P
   Basic Data Communication Receiver IC
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
   Qi Compliant Wireless Power Receiver Controller IC
logo
Semtech Corporation
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
   Wireless Power Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com