Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP1640T-ICHY Datasheet(PDF) 8 Page - Microchip Technology

Part No. MCP1640T-ICHY
Description  0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-ICHY Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1640T-ICHY Datasheet HTML 4Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 5Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 6Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 7Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 8Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 9Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 10Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 11Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP1640/B/C/D
DS20002234D-page 8
 2010-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA = +25°C.
FIGURE 2-19:
3.3V Start-Up After Enable.
FIGURE 2-20:
3.3V Start-Up when
VIN =VENABLE.
FIGURE 2-21:
MCP1640 3.3V VOUT Load
Transient Waveforms.
FIGURE 2-22:
MCP1640B 3.3V VOUT Load
Transient Waveforms.
FIGURE 2-23:
MCP1640B 2.0V VOUT Load
Transient Waveforms.
FIGURE 2-24:
3.3V VOUT Line Transient
Waveforms.
VOUT
1V/DIV
VIN
1V/DIV
VEN
1V/DIV
500 µs/DIV
VOUT
1V/DIV
VIN
1V/DIV
VEN
1V/DIV
500 µs/DIV
PFM
MODE
PWM
MODE
ISTEP = 1 mA to 75 mA
VOUT
100 mV/DIV
AC
Coupled
IOUT
50 mA/DIV
100 µs/DIV
MCP1640B PWM
Mode Only
VOUT
100 mV/DIV
AC
Coupled
IOUT
50 mA/DIV
100 µs/DIV
ISTEP = 1 mA to 75 mA
MCP1640B PWM
Mode Only
100 µs/DIV
VOUT
50 mV/DIV
AC
Coupled
IOUT
50 mA/DIV
ISTEP = 1 mA to 50 mA
VSTEP from
1V to 2.5V
200 µs/DIV
VOUT
50 mV/DIV
AC
Coupled
VIN
1V/DIV


Similar Part No. - MCP1640T-ICHY

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
More results

Similar Description - MCP1640T-ICHY

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
Power IC Ltd.
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
Intersil Corporation
Intersil Corporation
ISL91117 INTERSIL-ISL91117 Datasheet
528Kb / 12P
   High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
Renesas Technology Corp
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz