Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP1640T-ICHY Datasheet(PDF) 6 Page - Microchip Technology

Part No. MCP1640T-ICHY
Description  0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-ICHY Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1640T-ICHY Datasheet HTML 2Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 3Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 4Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 5Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 6Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 7Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 8Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 9Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP1640/B/C/D
DS20002234D-page 6
 2010-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA = +25°C.
FIGURE 2-7:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-8:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-9:
3.3V VOUT vs. VIN.
FIGURE 2-10:
Minimum Start-Up and
Shutdown VIN into Resistive Load vs. IOUT.
FIGURE 2-11:
FOSC vs. Ambient
Temperature.
FIGURE 2-12:
PWM Pulse-Skipping Mode
Threshold vs. IOUT.
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
3.325
3.33
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
OUT = 15 mA
V
IN = 0.8V
V
IN = 1.8V
V
IN = 1.2V
3.26
3.28
3.30
3.32
3.34
3.36
3.38
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
OUT = 15 mA
V
IN = 1.5V
I
OUT = 50 mA
I
OUT = 5 mA
3.20
3.24
3.28
3.32
3.36
3.40
0.8
1.2
1.6
2
2.4
2.8
V
IN (V)
T
A = -40°C
I
OUT = 5 mA
T
A = +25°C
T
A = +85°C
0.25
0.40
0.55
0.70
0.85
1.00
0
20406080
100
I
OUT (mA)
Startup
Shutdown
V
OUT = 3.3V
480
485
490
495
500
505
510
515
520
525
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
V
OUT = 3.3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0123456789
10
I
OUT (mA)
V
OUT = 3.3V
V
OUT = 5.0V
V
OUT = 2.0V


Similar Part No. - MCP1640T-ICHY

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
More results

Similar Description - MCP1640T-ICHY

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
Power IC Ltd.
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
Intersil Corporation
Intersil Corporation
ISL91117 INTERSIL-ISL91117 Datasheet
528Kb / 12P
   High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
Renesas Technology Corp
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz