Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGF1M Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RGF1M
Description  SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RGF1M Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RGF1M Datasheet HTML 1Page - SUNMATE electronic Co., LTD RGF1M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGF1A - RGF1M
30
RGF1M
RGF1K
RGF1J
RGF1G
RGF1D
RGF1B
RGF1A
VOLTAGE RANGE: 50 - 1000V
CURRENT: 1.0 A
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Maximum Ratings and Electrical Characteristics
Notes:
1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A
2. Thermal Resistance from junction to lead with 6.0mm2 copper pads
3. Measured at 1.0MHz and applied reverse voltage of 4.0V
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or inductive load.
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@ TA = 75°C
I(AV)
1.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1.0 A
VF
1.3
V
Maximum DC Reverse Current at Rated
@ TA =25°C
DC Blocking Voltage
@ TA = 125°C
IR
5.0
100
mA
Maximum Full Load Reverse Current Full Cycle
Average
@ TA = 75°C
50
mA
Maximum Reverse Recovery Time (See Note 1)
trr
150
250
500
500
ns
MaximumThermal Resistance (See Note 2)
RQJL
°C/W
Typical Junction Capacitance (See Note 3)
CJ
15
pF
Operating and Storage Temperature Rating
TJ,TSTG
-65 to +175
°C
Features
Characteristic
Unit
Unit
1 of 2
www.sunmate.tw
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)


Similar Part No. - RGF1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RGF1M FAIRCHILD-RGF1M Datasheet
99Kb / 4P
   1.0 Ampere Fast Recovery Rectifiers
logo
Vishay Siliconix
RGF1M VISHAY-RGF1M Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
logo
General Semiconductor
RGF1M GE-RGF1M Datasheet
89Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1M VISHAY-RGF1M Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
logo
Fairchild Semiconductor
RGF1M FAIRCHILD-RGF1M Datasheet
49Kb / 3P
   Fast Rectifiers
More results

Similar Description - RGF1M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS5A SUNMATE-RS5A Datasheet
523Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR5AF SUNMATE-FR5AF Datasheet
456Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AAF SUNMATE-RS3AAF Datasheet
308Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
SMF101B SUNMATE-SMF101B Datasheet
345Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com