Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2HGBRQAASRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TDA2HGBRQAASRQ1
Description  TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2HGBRQAASRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TDA2HGBRQAASRQ1 Datasheet HTML 1Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 2Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 3Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 4Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 5Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 6Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 7Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 8Page - Texas Instruments TDA2HGBRQAASRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 380 page
background image
5
TDA2HA-17, TDA2HG-17
www.ti.com
SPRS952A – DECEMBER 2015 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TDA2HA-17 TDA2HG-17
Revision History
Copyright © 2015–2016, Texas Instruments Incorporated
2
Revision History
Changes from December 18, 2015 to April 14, 2016 (from * Revision (December 2015) to A Revision)
Page
Device security features are added in Device Overview section
............................................................... 1
Added ”Related Products” section
.................................................................................................. 8
Table 4-1 is updated
................................................................................................................. 9
Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-2 Ball Characteristics
. 12
Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-5 DSS Signal
Descriptions
......................................................................................................................... 84
Signal Descriptions updated to remove redundancy
........................................................................... 87
Text in ESD Ratings table clarified
.............................................................................................. 117
Note (5) in Table 5-7 is updated
................................................................................................. 122
“Added “Power Consumption Summary” section
.............................................................................. 136
Notes 9, 12 and 13 in Figure 5-1 are updated
................................................................................. 147
Notes 9, 12 and 13 in Figure 5-4 are updated
................................................................................. 153
Fixed some of the descriptions on GPMC and QSPI Manual Modes names in Table 7-2 “Modes Summary”
....... 171
Added new Manual Modes for: VOUT1, VOUT2 IOSET1, VOUT2 IOSET2 and VOUT3. Removed
DSS_VIRTUAL1
................................................................................................................... 171
New Timing information available for: Video Input Ports (VIP), Display Subsystem – Video Output Ports,
Multichannel Serial Peripheral Interface (MCSPI), Quad Serial Peripheral Interface (QSPI) and eMMC/SD/SDIO.
. 171
Corrected references for McASP Virtual modes in Table 7-2 “Modes Summary”
........................................ 171
Removed all vin4b_* signals from Table 7-9 Manual Functions Mapping for VIP2
....................................... 181
A caution and two notes are added in “Display Subsystem – Video Output Ports“ section stating that VOUT
signals are recommended to use the default SLEWCONTROL settings. Slow SLEWCONTROL should be used
instead.
.............................................................................................................................. 187
Flipped the "Parameter" entries for D5 and D6 in Table 7-13
............................................................... 187
Added footnotes to the vout3_* signals which muxed on vddshv6 power balls in Table 7-15 VOUT3 IOSETs.
..... 190
A new caution is added in “Quad Serial Peripheral Interface” subsection
................................................. 230
QSPI time value Q7 direction on Figure 7-30 through Figure 7-33 is updated to start prior CS
....................... 232
Added Table 7-45 through to clarify the MCASP Virtual Timing Mode usage
............................................. 242
An update is performed in the “Peripheral Component Interconnect Express (PCIe)” section.
......................... 256
Updated information for TPS65917 as supported PMIC
..................................................................... 308
Aligning "Device and Documentation Support" section with new flow
...................................................... 372
Updated Table 9-1 to help clarify the device nomenclature symbolization and orderable information.
................ 373
Аdded SR 2.0 in Table 9-1
....................................................................................................... 373
Added ”Related Links” section
................................................................................................... 376
Updated section “Mechanical Packaging and Orderable Information”
...................................................... 377


Similar Part No. - TDA2HGBRQAASRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2HGBRQABCQ1 TI1-TDA2HGBRQABCQ1 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HGBRQABCRQ1 TI1-TDA2HGBRQABCRQ1 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HGBRQABCRQ1 TI1-TDA2HGBRQABCRQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Similar Description - TDA2HGBRQAASRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com