Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR105UG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # XTR105UG4
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR105UG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button XTR105UG4 Datasheet HTML 6Page - Texas Instruments XTR105UG4 Datasheet HTML 7Page - Texas Instruments XTR105UG4 Datasheet HTML 8Page - Texas Instruments XTR105UG4 Datasheet HTML 9Page - Texas Instruments XTR105UG4 Datasheet HTML 10Page - Texas Instruments XTR105UG4 Datasheet HTML 11Page - Texas Instruments XTR105UG4 Datasheet HTML 12Page - Texas Instruments XTR105UG4 Datasheet HTML 13Page - Texas Instruments XTR105UG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
SBOS061B
www.ti.com
XTR105
In 3-wire RTD connections, an additional resistor, RLIN2, is
required. As with the 2-wire RTD application, RLIN1 provides
positive feedback for linearization. RLIN2 provides an offset
canceling current to compensate for wiring resistance en-
countered in remotely located RTDs. RLIN1 and RLIN2 are
chosen such that their currents are equal. This makes the
voltage drop in the wiring resistance to the RTD a common-
mode signal that is rejected by the XTR105. The nearest
standard 1% resistor values for RLIN1 and RLIN2 should be
adequate for most applications. Table I provides the 1%
resistor values for a 3-wire Pt100 RTD connection.
If no linearity correction is desired, the VLIN pin should be left
open. With no linearization, RG = 2500 • VFS, where
VFS = full-scale input range.
RTDs
The text and figures thus far have assumed a Pt100 RTD. With
higher resistance RTDs, the temperature range and input
voltage variation should be evaluated to ensure proper com-
mon-mode biasing of the inputs. As mentioned earlier, RCM can
be adjusted to provide an additional voltage drop to bias the
inputs of the XTR105 within their common-mode input range.
ERROR ANALYSIS
See Table II for how to calculate the effect various error
sources have on circuit accuracy. A sample error calculation
for a typical RTD measurement circuit (Pt100 RTD, 200
°C
measurement span) is provided. The results reveal the
XTR105’s excellent accuracy, in this case 1.1% unadjusted.
Adjusting resistors RG and RZ for gain and offset errors
improves circuit accuracy to 0.32%. Note that these are
worst-case errors; ensured maximum values were used in
the calculations and all errors were assumed to be positive
(additive). The XTR105 achieves performance that is difficult
to obtain with discrete circuitry and requires less space.
OPEN-CIRCUIT PROTECTION
The optional transistor Q2 in Figure 3 provides predictable
behavior with open-circuit RTD connections. It assures that
if any one of the three RTD connections is broken, the
XTR105’s output current will go to either its high current limit
(
≈ 27mA) or low current limit (≈ 2.2mA). This is easily
detected as an out-of-range condition.
FIGURE 3. Remotely Located RTDs with 3-Wire Connection.
Resistance in this line causes
a small common-mode voltage
which is rejected by the XTR105.
OPEN RTD
TERMINAL
I
O
1
2
3
≈ 2.2mA
≈27mA
≈2.2mA
RTD
(R
LINE2)(RLINE1)
R
Z
(1)
R
LIN2
(1)
R
LIN1
(1)
(R
LINE3)
2
1
3
0.01
µF
R
CM = 1000Ω
0.01
µF
Q
2
(2)
2N2222
NOTES: (1) See Table I for resistor equations and
1% values. (2) Q
2 optional. Provides predictable
output current if any one RTD connection is
broken:
13
4
3
2
R
G
XTR105
7
6
(1)
R
G
R
G
V
IN
V
IN
+
V
LIN I
R1
I
R2
V
REG
V+
I
RET
I
O
E
B
8
9
Q
1
I
O
I
O
14
11
12
1
10
EQUAL line resistances here
creates a small common-mode
voltage which is rejected by
the XTR105.


Similar Part No. - XTR105UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR105U BURR-BROWN-XTR105U Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105U TI1-XTR105U Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105UA BURR-BROWN-XTR105UA Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105UA TI1-XTR105UA Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com