Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111AIDRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111AIDRCR
Description  Precision Voltage-to-Current Converter/Transmitter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111AIDRCR Datasheet(HTML) 1 Page - Texas Instruments

  XTR111AIDRCR Datasheet HTML 1Page - Texas Instruments XTR111AIDRCR Datasheet HTML 2Page - Texas Instruments XTR111AIDRCR Datasheet HTML 3Page - Texas Instruments XTR111AIDRCR Datasheet HTML 4Page - Texas Instruments XTR111AIDRCR Datasheet HTML 5Page - Texas Instruments XTR111AIDRCR Datasheet HTML 6Page - Texas Instruments XTR111AIDRCR Datasheet HTML 7Page - Texas Instruments XTR111AIDRCR Datasheet HTML 8Page - Texas Instruments XTR111AIDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
XRT111
3V
REGF
Regulator
Out
Signal
Input
REGS
24V
I-Mirror
VSP
1
9
8
2
VG
IS
OutputDisable
OutputFailure
OD
EF
VIN
6
4
5
RSET
ISET
SET
7
10
GND
I
=10
OUT
()
VVIN
RSET
I
10
OUT
SET
=
· I
XTR111
Q
2
(1)
Q
1
15W
15W
S
D
G
10nF
0mAto20mA
4mAto20mA
Load
(±LoadGround)
3
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
Precision Voltage-to-Current
Converter/Transmitter
Check for Samples: XTR111
1
FEATURES
DESCRIPTION
The
XTR111
is
a
precision
voltage-to-current
2
EASY-TO-DESIGN INPUT/OUTPUT RANGES:
converter designed for the standard 0mA
–20mA or
0mA
–20mA, 4mA–20mA, 5mA–25mA AND
4mA
–20mA analog signals, and can source up to
VOLTAGE OUTPUTS
36mA. The ratio between input voltage and output
NONLINEARITY: 0.002%
current is set by the single resistor RSET. The circuit
LOW OFFSET DRIFT: 1
μV/°C
can also be modified for voltage output.
ACCURACY: 0.015%
An external P-MOSFET transistor ensures high
SINGLE-SUPPLY OPERATION
output resistance and a broad compliance voltage
WIDE SUPPLY RANGE: 7V to 44V
range that extends from 2V below the supply voltage,
OUTPUT ERROR FLAG (EF)
VVSP, to voltages well below GND.
OUTPUT DISABLE (OD)
The adjustable 3V to 15V sub-regulator output
ADJUSTABLE VOLTAGE REGULATOR:
provides the supply voltage for additional circuitry.
3V to 15V
The XTR111 is available in MSOP and DFN
surface-mount packages.
APPLICATIONS
UNIVERSAL VOLTAGE-CONTROLLED
CURRENT SOURCE
CURRENT OR VOLTAGE OUTPUT FOR 3-WIRE
SENSOR SYSTEMS
PLC OUTPUT PROGRAMMABLE DRIVER
CURRENT-MODE SENSOR EXCITATION
NOTE: (1) See Application Information,
External Current Limit Circuits for other
options.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - XTR111AIDRCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111AIDRCR BURR-BROWN-XTR111AIDRCR Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDRCR BURR-BROWN-XTR111AIDRCR Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDRCRG4 BURR-BROWN-XTR111AIDRCRG4 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111AIDRCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com