Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101AUG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # XTR101AUG4
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR101AUG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button XTR101AUG4 Datasheet HTML 2Page - Texas Instruments XTR101AUG4 Datasheet HTML 3Page - Texas Instruments XTR101AUG4 Datasheet HTML 4Page - Texas Instruments XTR101AUG4 Datasheet HTML 5Page - Texas Instruments XTR101AUG4 Datasheet HTML 6Page - Texas Instruments XTR101AUG4 Datasheet HTML 7Page - Texas Instruments XTR101AUG4 Datasheet HTML 8Page - Texas Instruments XTR101AUG4 Datasheet HTML 9Page - Texas Instruments XTR101AUG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
XTR101
SBOS146A − OCTOBER 1986 − REVISED AUGUST 2004
www.ti.com
6
THEORY OF OPERATION
A simplified schematic of the XTR101 is shown in Figure 1.
Basically, the amplifiers A1 and A2 act as a single
power-supply instrumentation amplifier controlling a
current source, A3 and Q1. Operation is determined by an
internal feedback loop. e1 applied to pin 3 will also appear
at pin 5, and similarly, e2 will appear at pin 6. Therefore, the
current in RS (the span setting resistor) will be
IS =(e2 −e1)/RS =eIN/RS. This current combines with the
current I3 to form I1. The circuit is configured such that I2
is 19 times I1. From this point, the derivation of the transfer
function is straightforward but lengthy. The result is shown
in Figure 1.
Examination of the transfer function shows that IO has a
lower range-limit of 4mA when eIN = e2 − e1 = 0V. This 4mA
is composed of 2mA quiescent current exiting pin 7 plus
2mA from the current sources. The upper range limit of IO
is set to 20mA by the proper selection of RS based on the
upper range limit of eIN. Specifically, RS is chosen for a
16mA output current span for the given full-scale input
voltage span.
For example, 0.016
amps
volt
) 40
R
S
e
IN full−scale + 16mA.
Note that since IO is unipolar, e2 must be kept larger than
e1 (that is, e2 ≥ e1 or eIN ≥ 0). Also note that in order not to
exceed the output upper range limit of 20mA, eIN must be
kept less than 1V when RS = ∞ and proportionately less as
RS is reduced.
+V
CC
A
1
+V
CC
D
1
V
PS
I
O
7
e
L
10
11
Q
1
R
1
Voltage−Controlled
Current Source
2.5k
100
µA
8
56
2mA
R
2
52.6
(e
2)
I
B1
I
B2
I
2
I
REF1
1k
e
IN
I
S
(e
2)
(e
1)
I
3
I
4
R
3
1.25k
+
I
1
+
A
2
A
3
(e
1)
R
S
−In
3
+In
4
e
IN
I
REF2
I
O
+V
CC
R
4
1.25k
+V
CC
+V
CC
R
L
I
O +
4mA
) 0.016
amps
volt
)
40
R
S
e
IN,
e
IN +
e
2 *
e
1
Figure 1. Simplified Schematic of the XTR101


Similar Part No. - XTR101AUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101AU BURR-BROWN-XTR101AU Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101AU TI-XTR101AU Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101AUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com