Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP23S17T-E/SP Datasheet(PDF) 7 Page - Microchip Technology

Part No. MCP23S17T-E/SP
Description  16-Bit I/O Expander with Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S17T-E/SP Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP23S17T-E/SP Datasheet HTML 3Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 4Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 5Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 6Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 7Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 8Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 9Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 10Page - Microchip Technology MCP23S17T-E/SP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 7
MCP23017/MCP23S17
90
START Condition Setup Time:
TSU:STA
100 kHz mode
4.7
µs
1.8V – 5.5V
400 kHz mode
0.6
µs
2.7V – 5.5V
1.7 MHz mode
0.16
µs
4.5V – 5.5V
91
START Condition Hold Time:
THD:STA
100 kHz mode
4.0
µs
1.8V – 5.5V
400 kHz mode
0.6
µs
2.7V – 5.5V
1.7 MHz mode
0.16
µs
4.5V – 5.5V
106
Data Input Hold Time:
THD:DAT
100 kHz mode
0
3.45
µs
1.8V – 5.5V
400 kHz mode
0
0.9
µs
2.7V – 5.5V
1.7 MHz mode
0
0.15
µs
4.5V – 5.5V
107
Data Input Setup Time:
TSU:DAT
100 kHz mode
250
ns
1.8V – 5.5V
400 kHz mode
100
ns
2.7V – 5.5V
1.7 MHz mode
0.01
µs
4.5V – 5.5V
92
Stop Condition Setup Time:
TSU:STO
100 kHz mode
4.0
µs
1.8V – 5.5V
400 kHz mode
0.6
µs
2.7V – 5.5V
1.7 MHz mode
0.16
µs
4.5V–5.5V
109
Output Valid From Clock:
TAA
100 kHz mode
3.45
µs
1.8V – 5.5V
400 kHz mode
0.9
µs
2.7V – 5.5V
1.7 MHz mode
0.18
µs
4.5V – 5.5V
110
Bus Free Time:
TBUF
100 kHz mode
4.7
µs
1.8V – 5.5V
400 kHz mode
1.3
µs
2.7V – 5.5V
1.7 MHz mode
N/A
N/A
µs
4.5V – 5.5V
111
Bus Capacitive Loading:
CB
100 kHz and 400 kHz
400
pF
Note 1
1.7 MHz
100
pF
Note 1
112
Input Filter Spike Suppression
(SDA and SCL):
TSP
100 kHz and 400 kHz
50
ns
1.7 MHz
10
ns
Spike suppression off
TABLE 1-3:
I2C BUS DATA REQUIREMENTS (CONTINUED)
I2C Interface AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C, RPU (SCL,
SDA) = 1 k
, C
L (SCL, SDA) = 135 pF
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max. Units
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
CB is specified to be from 10 to 400 pF.


Similar Part No. - MCP23S17T-E/SP

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP23S17T-E/SP MICROCHIP-MCP23S17T-E/SP Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
More results

Similar Description - MCP23S17T-E/SP

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
Renesas Technology Corp
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
ON Semiconductor
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
Microchip Technology
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
ON Semiconductor
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
Princeton Technology Corp
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz