Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR103 Datasheet(PDF) 3 Page - Texas Instruments

Part # XTR103
Description  4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR103 Datasheet(HTML) 3 Page - Texas Instruments

  XTR103 Datasheet HTML 1Page - Texas Instruments XTR103 Datasheet HTML 2Page - Texas Instruments XTR103 Datasheet HTML 3Page - Texas Instruments XTR103 Datasheet HTML 4Page - Texas Instruments XTR103 Datasheet HTML 5Page - Texas Instruments XTR103 Datasheet HTML 6Page - Texas Instruments XTR103 Datasheet HTML 7Page - Texas Instruments XTR103 Datasheet HTML 8Page - Texas Instruments XTR103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
XTR103
3
®
PIN CONFIGURATION
Power Supply, V+ (referenced to IO pin) .......................................... 40V
Input Voltage, V+IN , V–IN (referenced to IO pin) ........................ 0V to V+
Storage Temperature Range ........................................ –55
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Output Current Limit ............................................................... Continuous
Junction Temperature ................................................................... +165
°C
ABSOLUTE MAXIMUM RATINGS
Zero Adjust
Zero Adjust
V
IN
V
IN
R
G
R
G
I
O
R
LIN
Zero Adjust
B (Base)
E
INT (Internal Emitter)
I
R2
I
R1
E (Emitter)
V+
R
LIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
TOP VIEW
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
XTR103AP
16-pin Plastic DIP
180
–40
°C to +85°C
XTR103BP
16-pin Plastic DIP
180
–40
°C to +85°C
XTR103AU
SOL-16 Surface Mount
211
–40
°C to +85°C
XTR103BU
SOL-16 Surface Mount
211
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - XTR103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR103AP BURR-BROWN-XTR103AP Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR103AU BURR-BROWN-XTR103AU Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR103BP BURR-BROWN-XTR103BP Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR103BU BURR-BROWN-XTR103BU Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
More results

Similar Description - XTR103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com