Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP23S17T-E/ML Datasheet(PDF) 10 Page - Microchip Technology

Part No. MCP23S17T-E/ML
Description  16-Bit I/O Expander with Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S17T-E/ML Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP23S17T-E/ML Datasheet HTML 6Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 7Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 8Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 9Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 10Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 11Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 12Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 13Page - Microchip Technology MCP23S17T-E/ML Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 10
 2005-2016 Microchip Technology Inc.
TABLE 1-5:
GP AND INT PINS REQUIREMENTS
GP and INT Pins AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
50
Serial Data to Output Valid
TGPOV
——
500
ns
51
Interrupt Pin Disable Time
TINTD
——
600
ns
52
GP Input Change to
Register Valid
TGPIV
——
450
ns
53
IOC Event to INT Active
TGPINT
——
600
ns
Glitch Filter on GP Pins
TGLITCH
——
150
ns
Note 1
Note 1:
This parameter is characterized, not 100% tested.


Similar Part No. - MCP23S17T-E/ML

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP23S17T-E/ML MICROCHIP-MCP23S17T-E/ML Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
More results

Similar Description - MCP23S17T-E/ML

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
Renesas Technology Corp
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
ON Semiconductor
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
Microchip Technology
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
ON Semiconductor
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
Princeton Technology Corp
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz