Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7490BRU Datasheet(PDF) 13 Page - Analog Devices

Part # AD7490BRU
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BRU Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7490BRU Datasheet HTML 9Page - Analog Devices AD7490BRU Datasheet HTML 10Page - Analog Devices AD7490BRU Datasheet HTML 11Page - Analog Devices AD7490BRU Datasheet HTML 12Page - Analog Devices AD7490BRU Datasheet HTML 13Page - Analog Devices AD7490BRU Datasheet HTML 14Page - Analog Devices AD7490BRU Datasheet HTML 15Page - Analog Devices AD7490BRU Datasheet HTML 16Page - Analog Devices AD7490BRU Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7490
–13–
REV. A
the on resistance of a switch (track and hold switch) and also includes
the on resistance of the input multiplexer. The total resistance is
typically about 400
Ω. The capacitor C2 is the ADC sampling
capacitor and typically has a capacitance of 30 pF. For ac appli-
cations, removing high frequency components from the analog
input signal is recommended by use of an RC low-pass filter on
the relevant analog input pin. In applications where harmonic distor-
tion and signal-to-noise ratio are critical, the analog input should
be driven from a low impedance source. Large source impedances
will significantly affect the ac performance of the ADC. This
may necessitate the use of an input buffer amplifier. The choice
of the op amp will be a function of the particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance will depend on the amount of total harmonic
distortion (THD) that can be tolerated. The THD will increase as
the source impedance increases, and performance will degrade
(see TPC 5).
ADC TRANSFER FUNCTION
The output coding of the AD7490 is either straight binary or twos
complement depending on the status of the LSB (RANGE Bit) in
the Control Register. The designed code transitions occur midway
between successive LSB values (i.e., 1 LSB, 2 LSBs, and so on).
The LSB size is equal to REFIN/4096. The ideal transfer charac-
teristic for the AD7490 when straight binary coding is selected
is shown in Figure 8.
000…000
0V
ANALOG INPUT
111…111
000…001
000…010
111…110
111…000
011…111
1 LSB
+VREF
1 LSB
1 LSB
VREF/4096
VREF IS EITHER REFIN OR 2
REFIN
Figure 8. Straight Binary Transfer Characteristic
VREF
R3
R2
R4
R1
REFIN
VIN0
VIN15
AD7490
DSP/ P
VDD
0.1 F
V
VDD
VDRIVE
DOUT
TWOS
COMPLEMENT
+REFIN
(
2
REFIN)
REFIN
–REFIN
(
0V)
011…111
000…000
100…000
0V
V
R1
R2
R3
R4
Figure 10. Handling Bipolar Signals
–VREF
1 LSB
ANALOG INPUT
+VREF
1 LSB
1 LSB
2
VREF 4096
VREF
1 LSB
100…000
011…111
100…001
100…010
011…110
000…001
111…111
000…000
Figure 9. Twos Complement Transfer Characteristic
with REFIN
± REFIN Input Range
Handling Bipolar Input Signals
Figure 10 shows how useful the combination of the 2
REFIN
input range and the twos complement output coding scheme is for
handling bipolar input signals. If the bipolar input signal is biased
about REFIN and twos complement output coding is selected,
then REFIN becomes the zero code point, –REFIN is negative
fullscale and +REFIN becomes positive full scale, with a dynamic
range of 2
REFIN.
TYPICAL CONNECTION DIAGRAM
Figure 11 shows a typical connection diagram for the AD7490. In
this setup, the AGND pin is connected to the analog ground plane
of the system. In Figure 11, REFIN is connected to a decoupled
2.5 V supply from a reference source, the AD780, to provide an
analog input range of 0 V to 2.5 V (if RANGE Bit is 1) or 0 V to
5V (if RANGE Bit is 0). Although the AD7490 is connected to a
VDD of 5 V, the serial interface is connected to a 3 V micropro-
cessor. The VDRIVE pin of the AD7490 is connected to the same
3V supply of the microprocessor to allow a 3 V logic interface
(see Digital Inputs section.) The conversion result is output in a
16-bit word. This 16-bit data stream consists of four address bits
indicating which channel the conversion result corresponds to,
followed by the 12 bits of conversion data. For applications where


Similar Part No. - AD7490BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490BRU AD-AD7490BRU Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BRU AD-AD7490BRU Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
AD7490BRU-REEL7 AD-AD7490BRU-REEL7 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BRU-REEL7 AD-AD7490BRU-REEL7 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
AD7490BRUZ AD-AD7490BRUZ Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results

Similar Description - AD7490BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
   16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com