Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C042ANJL Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS370C042ANJL
Description  8-BIT MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C042ANJL Datasheet(HTML) 3 Page - Texas Instruments

  TMS370C042ANJL Datasheet HTML 1Page - Texas Instruments TMS370C042ANJL Datasheet HTML 2Page - Texas Instruments TMS370C042ANJL Datasheet HTML 3Page - Texas Instruments TMS370C042ANJL Datasheet HTML 4Page - Texas Instruments TMS370C042ANJL Datasheet HTML 5Page - Texas Instruments TMS370C042ANJL Datasheet HTML 6Page - Texas Instruments TMS370C042ANJL Datasheet HTML 7Page - Texas Instruments TMS370C042ANJL Datasheet HTML 8Page - Texas Instruments TMS370C042ANJL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
functional block diagram
Interrupts
Clock Options
Divide-by-4 or
Divide-by-1(PLL)
System
Control
INT1
AN0--AN7
INT2 INT3
MC
RESET
XTAL1
A-to-D
Converter 1
Timer 2A
Timer 1
Watchdog
Serial
Communications
Interface 1
RAM
256 Bytes
(Usable as Registers)
Program Memory
ROM: 4K or 8K Bytes
EPROM:8K Bytes
Data EEPROM
0 or 256 Bytes
CPU
XTAL2/
CLKIN
SCIRXD
SCITXD
SCICLK
T2AIC1/CR
T2AEVT
T2AIC2/PWM
T1IC/CR
T1EVT
T1PWM
VCC
VSS
VCC3
VSS3
Port B
Port A
Port D
83
5
(40-Pin: 4 CH)
(44-Pin: 8 CH)
40-PIN DIP: AN2, AN3,
AN6, AN7
44-PIN PLCC:AN0--AN7
description
The TMS370C040A, TMS370C042A, TMS370C340A, TMS370C342A, TMS370C742A, and SE370C742A
devices are members of the TMS370 family of single-chip 8-bit microcontrollers. Unless otherwise noted, the
term TMS370Cx4x refers to these devices. TMS370 family provides cost-effective real-time system control
through integration of advanced peripheral function modules and various on-chip memory configurations.
The TMS370Cx4x family is implemented using high-performance silicon-gate CMOS EPROM and EEPROM
technology. The low-operating power, wide-operating temperature range, and noise immunity of CMOS
technology coupled with the high performance and extensive on-chip peripheral functions make the
TMS370Cx4x devices attractive in system designs for automotive electronics, industrial motor, computer
peripheral control, telecommunications, and consumer applications.
The TMS370Cx4x devices contain the following on-chip peripheral modules:
D
Eight-channel (for 44 pin device) or four-channel (for 40-pin device) 8-bit analog-to-digital converter 1
(ADC1)
D
Serial communications interface 1 (SCI1)
D
Two 16-bit general-purpose timers (one with an 8-bit prescaler)
All trademarks are the property of their respective owners.


Similar Part No. - TMS370C042ANJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C042ANJL TI-TMS370C042ANJL Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
More results

Similar Description - TMS370C042ANJL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com