Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM48L930DZWTT Datasheet(PDF) 5 Page - Texas Instruments

Part # RM48L930DZWTT
Description  RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930DZWTT Datasheet(HTML) 5 Page - Texas Instruments

  RM48L930DZWTT Datasheet HTML 1Page - Texas Instruments RM48L930DZWTT Datasheet HTML 2Page - Texas Instruments RM48L930DZWTT Datasheet HTML 3Page - Texas Instruments RM48L930DZWTT Datasheet HTML 4Page - Texas Instruments RM48L930DZWTT Datasheet HTML 5Page - Texas Instruments RM48L930DZWTT Datasheet HTML 6Page - Texas Instruments RM48L930DZWTT Datasheet HTML 7Page - Texas Instruments RM48L930DZWTT Datasheet HTML 8Page - Texas Instruments RM48L930DZWTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 172 page
background image
DMA
POM
DMM
HTU1
HTU2
Main Cross Bar: Arbitration and Prioritization Control
CRC
Switched Central Resource
Peripheral Central Resource Bridge
Dual Cortex-R4F
CPUs in Lockstep
Switched Central Resource
MibADC1
MibADC2
I2C
N2HET1
GIO
N2HET2
64KB Flash
for EEPROM
Emulation
with ECC
IOMM
PMM
VIM
RTI
DCC1
DCC2
3MB
(B)
Flash
with
ECC
ETM-R4
RTP
64K
(A)
64K
64K
64K
256KB
RAM
with
ECC
EMIF
EMIF_CLK
EMIF_CKE
EMIF_nCS[4:2]
EMIF_nCS[0]
EMIF_ADDR[21:0]
EMIF_BA[1:0]
EMIF_DATA[15:0]
EMIF_nDQM[1:0]
EMIF_nOE
EMIF_nWE
EMIF_nRAS
EMIF_nCAS
EMIF_nWAIT
Switched Central Resource
Device
Host
USB1.OverCurrent
USB1.RCV
USB1.VM
USB1.VP
USB1.PortPower
USB1.SPEED
USB1.SUSPEND
USB1.TXDAT
USB1.TXEN
USB1.TXSE0
USB2.OverCurrent
USB2.RCV
USB2.VM
USB2.VP
USB2.PortPower
USB2.SPEED
USB2.SUSPEND
USB2.TXDAT
USB2.TXEN
USB2.TXSE0
USB_FUNC.GZO
USB_FUNC.PUENO
USB_FUNC.PUENON
USB_FUNC.RXDI
USB_FUNC.RXDMI
USB_FUNC.RXDPI
USB_FUNC.SE0O
USB_FUNC.SUSPENDO
USB_FUNC.TXDO
USB_FUNC.VBUSI
# 2
# 3
# 4
# 1
# 2
# 1
always on
Core/RAM
RAM
Core
# 5
# 3
Color Legend for Power Domains
Switched Central Resource
USB Slaves
USB Host
DCAN1
DCAN2
DCAN3
LIN
SCI
SPI4
MibSPI1
CAN1_RX
CAN1_TX
CAN2_RX
CAN2_TX
CAN3_RX
CAN3_TX
MIBSPI1_CLK
MIBSPI1_SIMO[1:0]
MIBSPI1_SOMI[1:0]
MIBSPI1_nCS[5:0]
MIBSPI1_nENA
SPI2
SPI2_CLK
SPI2_SIMO
SPI2_SOMI
SPI2_nCS[1:0]
SPI2_nENA
MibSPI3
MIBSPI3_CLK
MIBSPI3_SIMO
MIBSPI3_SOMI
MIBSPI3_nCS[5:0]
MIBSPI3_nENA
SPI4_CLK
SPI4_SIMO
SPI4_SOMI
SPI4_nCS0
SPI4_nENA
MibSPI5
MIBSPI5_SIMO[3:0]
MIBSPI5_SOMI[3:0]
MIBSPI5_nCS[3:0]
MIBSPI5_nENA
LIN_RX
LIN_TX
SCI_RX
SCI_TX
SYS
nPORRST
nRST
ECLK
ESM
nERROR
RM48L930, RM48L730, RM48L530
www.ti.com
SPNS176C – APRIL 2012 – REVISED JUNE 2015
1.4
Functional Block Diagram
A.
For devices with 192KB RAM with ECC, the RAM #3 power domain is not supported.
B.
The RM48L730 and RM48L530 devices only support 2MB of Flash with ECC.
Figure 1-1. Functional Block Diagram
Copyright © 2012–2015, Texas Instruments Incorporated
Device Overview
5
Submit Documentation Feedback


Similar Part No. - RM48L930DZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
RM48L930PGET TI1-RM48L930PGET Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
RM48L930ZWTT TI1-RM48L930ZWTT Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L930DZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com