Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS32DSP5410APGE16 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS32DSP5410APGE16
Description  Fixed-Point Digital Signal Processor
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS32DSP5410APGE16 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS32DSP5410APGE16 Datasheet HTML 5Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 6Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 7Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 8Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 9Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 10Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 11Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 12Page - Texas Instruments TMS32DSP5410APGE16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
1
TMS320VC5410A Features
TMS320VC5410A
Fixed-Point Digital Signal Processor
www.ti.com
SPRS139I – NOVEMBER 2000 – REVISED OCTOBER 2008
Parallel Load
• Advanced Multibus Architecture With Three
Separate 16-Bit Data Memory Buses and One
• Conditional Store Instructions
Program Memory Bus
• Fast Return From Interrupt
• 40-Bit Arithmetic Logic Unit (ALU) Including a
• On-Chip Peripherals
40-Bit Barrel Shifter and Two Independent
Software-Programmable Wait-State
40-Bit Accumulators
Generator and Programmable
• 17- × 17-Bit Parallel Multiplier Coupled to a
Bank-Switching
40-Bit Dedicated Adder for Non-Pipelined
On-Chip Programmable Phase-Locked
Single-Cycle Multiply/Accumulate (MAC)
Loop (PLL) Clock Generator With Internal
Operation
Oscillator or External Clock Source(1)
One 16-Bit Timer
• Compare, Select, and Store Unit (CSSU) for the
Six-Channel Direct Memory Access (DMA)
Add/Compare Selection of the Viterbi Operator
Controller
• Exponent Encoder to Compute an Exponent
Three Multichannel Buffered Serial Ports
Value of a 40-Bit Accumulator Value in a
(McBSPs)
Single Cycle
8/16-Bit Enhanced Parallel Host-Port
• Two Address Generators With Eight Auxiliary
Interface (HPI8/16)
Registers and Two Auxiliary Register
• Power Consumption Control With IDLE1,
Arithmetic Units (ARAUs)
IDLE2, and IDLE3 Instructions With
• Data Bus With a Bus Holder Feature
Power-Down Modes
• Extended Addressing Mode for 8M × 16-Bit
• CLKOUT Off Control to Disable CLKOUT
Maximum Addressable External Program
• On-Chip Scan-Based Emulation Logic, IEEE
Space
Std 1149.1(2) (JTAG) Boundary Scan Logic
• 64K × 16-Bit On-Chip RAM Composed of Eight
• 144-Pin Ball Grid Array (BGA) (GGU Suffix)
Blocks of 8K
× 16-Bit On-Chip Dual-Access
• 144-Pin Low-Profile Quad Flatpack (LQFP)
Program/Data RAM
(PGE Suffix)
• 16K × 16-Bit On-Chip ROM Configured for
• 6.25-ns Single-Cycle Fixed-Point Instruction
Program Memory
Execution Time (160 MIPS)
• Enhanced External Parallel Interface (XIO2)
• 8.33-ns Single-Cycle Fixed-Point Instruction
• Single-Instruction-Repeat and Block-Repeat
Execution Time (120 MIPS)
Operations for Program Code
• 3.3-V I/O Supply Voltage (160 and 120 MIPS)
• Block-Memory-Move Instructions for Better
• 1.6-V Core Supply Voltage (160 MIPS)
Program and Data Management
• 1.5-V Core Supply Voltage (120 MIPS)
• Instructions With a 32-Bit Long Word Operand
(1)
The on-chip oscillator is not available on all 5410A devices.
• Instructions With Two- or Three-Operand
For applicable devices, see the TMS320VC5410A Digital
Reads
Signal Processor Silicon Errata (literature number SPRZ187).
(2)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and
• Arithmetic Instructions With Parallel Store and
Boundary Scan Architecture.
TMS320C54x, MicroStar BGA, TMS320C54x, C54x, TMS320C5000, C5000, TMS320 are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS32DSP5410APGE16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS32DM6467CCUTAV6 TI-TMS32DM6467CCUTAV6 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS32DM6467CCUTAV6 TI-TMS32DM6467CCUTAV6 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS32DM6467CCUTAV6 TI1-TMS32DM6467CCUTAV6 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS32DM6467CCUTAV6 TI1-TMS32DM6467CCUTAV6 Datasheet
2Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS32DSP5410APGE16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com