Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RI-ANT-S02C-00 Datasheet(PDF) 3 Page - Texas Instruments

Part No. RI-ANT-S02C-00
Description  SERIES 2000 STICK ANTENNA
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

RI-ANT-S02C-00 Datasheet(HTML) 3 Page - Texas Instruments

  RI-ANT-S02C-00 Datasheet HTML 1Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 2Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 3Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 4Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-May-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
RI-ANT-S02C-00
OBSOLETE
1
TBD
Call TI
Call TI
-30 to 85
RI-ANT-S02C-30
ACTIVE
0
1
TBD
Call TI
Call TI
-30 to 70
TRPGP40TGC
ACTIVE
RFIDT
TGC
0
TBD
Call TI
Call TI
-25 to 70
TRPGR30ATGA
ACTIVE
RFIDT
TGA
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30ATGB
ACTIVE
RFIDT
TGB
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30ENATGA
ACTIVE
RFIDT
TGA
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30ENATGB
ACTIVE
RFIDT
TGB
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30TGC
ACTIVE
RFIDT
TGC
0
TBD
Call TI
Call TI
-25 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn