Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RI-ANT-S02C-00 Datasheet(PDF) 2 Page - Texas Instruments

Part No. RI-ANT-S02C-00
Description  SERIES 2000 STICK ANTENNA
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

RI-ANT-S02C-00 Datasheet(HTML) 2 Page - Texas Instruments

  RI-ANT-S02C-00 Datasheet HTML 1Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 2Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 3Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 4Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
OPERATING CHARACTERISTICS
Trp. 1
Trp. 2
Trp. 1
Trp.2
Readout pattern of Stick Antenna
Trp. 1 reading field
Trp. 2reading field
140 ± 2
RI-ANT-S01C, RI-ANT-S02C
SCBS851 – DECEMBER 2002 – REVISED DECEMBER 2005
over operating free-air temperature range (unless otherwise noted)
RI-ANT-S01C
RI-ANT-S02C
UNIT
Operating temperature
–30
°C to +70°C
–30
°C to +70°C
°C
Storage temperature
–40
°C to +85°C
–40
°C to +85°C
°C
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-ANT-S01C
RI-ANT-S02C
Type
Ferrite rod
Inductance
Typically 27
µH @ 134.2 kHz
Protection class
IP66
Vibration
Mil-Std -- 810 E, Test 514.4 (Category 1, Procedure 1; Basic transportation)
Case material
Glass reinforced epoxy (grey)
Dimensions
21
± 2 × 140 ± 2
mm
Weight
134
185
g
Cable Lenght
1
3
m
Connection terminals
Ring lugs: 3.5 mm inside diameter, 6 mm outside diameter
Mounting
Use non-metal clamps. Mounting material is not supplied with the antenna.
2
Submit Documentation Feedback
Not Recommended for New designs


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn