Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-ANT-S02C-30 Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-ANT-S02C-30
Description  SERIES 2000 ANTENNAS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-ANT-S02C-30 Datasheet(HTML) 1 Page - Texas Instruments

  RI-ANT-S02C-30 Datasheet HTML 1Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 2Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 3Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 4Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 5Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 6Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RI-ANT-G01E, RI-ANT-G02E
RI-ANT-S01C, RI-ANT-S02C
www.ti.com
SCBS845A – MARCH 2002 – REVISED JULY 2013
SERIES 2000 ANTENNAS
Check for Samples: RI-ANT-G01E, RI-ANT-G02E, RI-ANT-S01C, RI-ANT-S02C
1
FEATURES
DESCRIPTION
These antenna products connect to radio frequency
Best in Class Performance Through Patented
modules (RFM) and reader/writers to form the
HDX Technology
interface to the low-frequency (LF) 134.2-kHz Texas
Protection Class IP 65 and Higher
Instruments transponders. In combination with a
Four Form Factors Available
reader/writer, they transmit energy and signals to the
transponder and receive the response from the tag.
Proven in Harsh Industrial Environments
There are two standard gate antennas and two
Easy to Install and Use
standard stick antennas with 1-meter or 3-meter
cable length. Each antenna generates a specific size
APPLICATIONS
and shape of read zone to meet the requirements of
the target application. In general, the gate antennas
Access Control
generate a large read zone with greater read
Vehicle Identification
distance, while the stick antennas provide a more
Container Tracking
focused read zone and an ability to discriminate
between transponders.
Asset Management
Waste Management
The antennas are well suited for use in a broad range
of applications including access control, vehicle
identification, container tracking, asset management,
and waste management applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-ANT-S02C-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-S02C-30 TI1-RI-ANT-S02C-30 Datasheet
423Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
More results

Similar Description - RI-ANT-S02C-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-G01E TI-RI-ANT-G01E Datasheet
298Kb / 5P
[Old version datasheet]   SERIES 2000 ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
   Amplified antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
   HORN ANTENNAS
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
   LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
   GNSS Antennas
2020.02
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
   IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
   ISM Antennas
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com