Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RI-ANT-S02C-30 Datasheet(PDF) 5 Page - Texas Instruments

Part No. RI-ANT-S02C-30
Description  SERIES 2000 ANTENNAS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-ANT-S02C-30 Datasheet(HTML) 5 Page - Texas Instruments

  RI-ANT-S02C-30 Datasheet HTML 1Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 2Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 3Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 4Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 5Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 6Page - Texas Instruments RI-ANT-S02C-30 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-May-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
RI-ANT-G01E-30
ACTIVE
0
1
TBD
Call TI
Call TI
-30 to 60
RI-ANT-G02E-30
ACTIVE
0
1
TBD
Call TI
Call TI
-30 to 60
RI-ANT-S02C-30
ACTIVE
0
1
TBD
Call TI
Call TI
-30 to 70
TRPGP40TGC
ACTIVE
RFIDT
TGC
0
TBD
Call TI
Call TI
-25 to 70
TRPGR30ATGA
ACTIVE
RFIDT
TGA
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30ATGB
ACTIVE
RFIDT
TGB
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30ENATGA
ACTIVE
RFIDT
TGA
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30ENATGB
ACTIVE
RFIDT
TGB
0
2000
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-25 to 70
TRPGR30TGC
ACTIVE
RFIDT
TGC
0
TBD
Call TI
Call TI
-25 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn