Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RI-ANT-S02C-30 Datasheet(PDF) 2 Page - Texas Instruments

Part No. RI-ANT-S02C-30
Description  SERIES 2000 ANTENNAS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

RI-ANT-S02C-30 Datasheet(HTML) 2 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RI-ANT-G01E, RI-ANT-G02E
RI-ANT-S01C, RI-ANT-S02C
SCBS845A – MARCH 2002 – REVISED JULY 2013
www.ti.com
Gate Antennas – Specifications
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
RI-ANT-G01E
RI-ANT-G02E
UNIT
Operating Temperature
–30 to +60
–30 to +60
°C
Storage Temperature
–40 to +70
–40 to +70
°C
Operating Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
RI-ANT-G01E
RI-ANT-G02E
UNIT
Inductance (typical), at 134.2 kHz
27
27
µH
Protection Class
IP 65
IP 65
Vibration
Mil-Std-810E, Test 514.4 (Category 1, Procedure 1; Basic transportation)
Case Material
UVSHIPS (UV-Stabilized High Impact Polystyrol)
Dimensions
715 ± 5 × 270 ± 3 × 25 ± 1
200 ± 3 × 200 ± 3 × 25 ± 1
mm
Weight (typical)
745
425
g
Cable Length
1
1
m
Connection Terminals
Spade and tongue, stud hole 3.5 mm, width 7.5 mm
Use nonmetallic clamps, standard screws, and washers through 6.5-mm
Mounting
predrilled holes, so that the screw hole is flush with the mounting. Mounting
material is not supplied with the antenna.
Stick Antennas – Specifications
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
RI-ANT-S01C
RI-ANT-S02C
UNIT
Operating Temperature
–30 to +70
–30 to +70
°C
Storage Temperature
–40 to +85
–40 to +85
°C
Operating Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
RI-ANT-S01C
RI-ANT-S02C
UNIT
Inductance (typical), at 134.2 kHz
27
27
µH
Protection Class
IP 66
IP 66
Vibration
Mil-Std-810E, Test 514.4 (Category 1, Procedure 1; Basic transportation)
Case Material
Glass reinforced epoxy (gray)
Dimensions
140 ± 2 × 21 ± 2 (dia.)
140 ± 2 × 21 ± 2 (dia.)
mm
Weight (typical)
134
185
g
Cable Length
1
3
m
Ring lugs:
Ring lugs:
Connection Terminals
3.5-mm inside diameter
3.5-mm inside diameter
7.5-mm outside diameter
7.5-mm outside diameter
Mounting
Use nonmetal clamps. Mounting material is not supplied with the antenna.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: RI-ANT-G01E RI-ANT-G02E RI-ANT-S01C RI-ANT-S02C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn