Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG103FA-3.3KTTTG3 Datasheet(PDF) 11 Page - Texas Instruments

Part # REG103FA-3.3KTTTG3
Description  DMOS 500mA Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG103FA-3.3KTTTG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REG103FA-3.3KTTTG3 Datasheet HTML 7Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 8Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 9Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 10Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 11Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 12Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 13Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 14Page - Texas Instruments REG103FA-3.3KTTTG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
REG103
11
SBVS010D
FIGURE 11. Maximum Power Dissipation versus Ambient
Temperature for the Various Packages and
PCB Heat Sink Configurations.
6
5
4
3
2
1
0
0
25
50
75
100
150
125
Ambient Temperature (
°C)
CONDITIONS
#1
#2
#3
#4
#5
CONDITION
PACKAGE
PCB AREA
JA
θ
1
DDPAK
4in2 Top Side Only
27
°C/W
2
SOT-223
4in2 Top Side Only
53
°C/W
3
DDPAK
None
65
°C/W
4
SOT-223
0.5in2 Top Side Only
110
°C/W
5
SO-8
None
150
°C/W
For large step changes in load current, the REG103 requires
a larger voltage drop across it to avoid degraded transient
response. The boundary of this “transient drop-out” region is
shown as the top line in Figure 10. Values of VIN to VOUT
voltage drop above this line insure normal transient response.
250
200
150
100
50
0
0
100
200
300
400
500
I
OUT (mA)
REG103–3.3 at 25
°C
DC
Transient
FIGURE 10. Transient and DC Dropout.
In the transient dropout region between “DC” and “Tran-
sient”, transient response recovery time increases. The time
required to recover from a load transient is a function of both
the magnitude and rate of the step change in load current and
the available “headroom” VIN to VOUT voltage drop. Under
worst-case conditions (full-scale load change with VIN to
VOUT voltage drop close to DC dropout levels), the REG103
can take several hundred microseconds to re-enter the speci-
fied window of regulation.
TRANSIENT RESPONSE
The REG103 response to transient line and load conditions
improves at lower output voltages. The addition of a capaci-
tor (nominal value 10nF) from the output pin to ground may
improve the transient response. In the adjustable version, the
addition of a capacitor, CFB (nominal value 10nF), from the
output to the adjust pin will also improve the transient
response.
THERMAL PROTECTION
Power dissipated within the REG103 will cause the junction
temperature to rise. The REG103 has thermal shutdown
circuitry that protects the regulator from damage. The ther-
mal protection circuitry disables the output when the junc-
tion temperature reaches approximately 150
°C, allowing the
device to cool. When the junction temperature cools to
approximately 130
°C, the output circuitry is again enabled.
Depending on various conditions, the thermal protection
circuit may cycle on and off. This limits the dissipation of
the regulator, but may have an undesirable effect on the load.
Any tendency to activate the thermal protection circuit
indicates excessive power dissipation or an inadequate heat
sink. For reliable operation, junction temperature should be
limited to 125
°C, maximum. To estimate the margin of
safety in a complete design (including heat sink), increase
the ambient temperature until the thermal protection is
triggered. Use worst-case loads and signal conditions. For
good reliability, thermal protection should trigger more than
35
°C above the maximum expected ambient condition of
your application. This produces a worst-case junction tem-
perature of 125
°C at the highest expected ambient tempera-
ture and worst-case load.
The internal protection circuitry of the REG103 has been
designed to protect against overload conditions. It was not
intended to replace proper heat sinking. Continuously run-
ning the REG103 into thermal shutdown will degrade reli-
ability.
POWER DISSIPATION
The REG103 is available in three different package configu-
rations. The ability to remove heat from the die is different
for each package type and, therefore, presents different
considerations in the printed circuit board (PCB) layout. The
PCB area around the device that is free of other components
moves the heat from the device to the ambient air. While it
is difficult to impossible to quantify all of the variables in a
thermal design of this type, performance data for several
configurations are shown in Figure 11. In all cases, the PCB
copper area is bare copper, free of solder-resist mask, and
not solder plated. All examples are for 1-ounce copper.
Using heavier copper will increase the effectiveness in
moving the heat from the device. In those examples where
there is copper on both sides of the PCB, no connection has
been provided between the two sides. The addition of plated
through holes will improve the heat sink effectiveness.


Similar Part No. - REG103FA-3.3KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG103FA-3.3KTTTG3 TI1-REG103FA-3.3KTTTG3 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
More results

Similar Description - REG103FA-3.3KTTTG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103 BURR-BROWN-REG103_07 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
REG103 BURR-BROWN-REG103 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com