Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF430FRL153HCRGER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # RF430FRL153HCRGER
Description  RF430FRL15xH NFC ISO 15693 Sensor Transponder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430FRL153HCRGER Datasheet(HTML) 11 Page - Texas Instruments

Back Button RF430FRL153HCRGER Datasheet HTML 7Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 8Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 9Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 10Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 11Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 12Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 13Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 14Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
RF430FRL152H, RF430FRL153H, RF430FRL154H
www.ti.com
SLAS834C – NOVEMBER 2012 – REVISED DECEMBER 2014
5.4
Recommended Operating Conditions, Resonant Circuit
MIN
NOM
MAX
UNIT
fc
Carrier frequency
13.56
MHz
VANT_peak
Antenna input voltage
3.6
V
Z
Impedance of LC circuit
6.5
15.5
k
Ω
LRES
Coil inductance
2.66
µH
CRES
Resonance capacitance
51.8 – CIN
(1)
pF
QT
Tank quality factor
30
(1)
See the RF13M parameter section.
5.5
Active Mode Supply Current Into VDDB Excluding External Current
over recommended operating free-air temperature (unless otherwise noted)
(1)
Frequency (fMCLK = fSMCLK)
EXECUTION
PARAMETER
VDDB
1 MHz
2 MHz
UNIT
MEMORY
TYP
MAX
TYP
MAX
IAM, FRAM
(2)
FRAM
1.5 V
330
420
480
580
µA
IAM, RAM
(2)
RAM
1.5 V
220
300
250
320
µA
IAM, ROM
(2)
ROM
1.5 V
220
300
230
300
µA
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
fACLK = 256 kHz, CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
5.6
Low-Power Mode Supply Current (Into VDDB) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
0ºC
20ºC
45ºC
70ºC
PARAMETER
VDDB
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
fMCLK = off, fSMCLK =
1 MHz, fACLK = 32 kHz,
ILPM0
(2)
1.5 V
170
230
190
210
260
340
µA
CPUOFF = 1, SCG0 = 0,
SCG1 = 0, OSCOFF = 0
fMCLK = fSMCLK = off,
fACLK = 16 kHz,
ILPM3
(3)
1.5 V
12
20
13
16
25
65
µA
CPUOFF = 1, SCG0 = 1,
SCG1 = 1, OSCOFF = 0
fMCLK = fSMCLK = fACLK =
0 Hz
ILPM4
(4)
1.5 V
11
16
12
15
24
60
µA
CPUOFF = 1, SCG0 = 1,
SCG1 = 1, OSCOFF = 1
(1)
Including current for WDT clocked by ACLK.
(2)
CSS: SELM=SELS=HF_CLK, SELA=LF_CLK, DIVM=/2 (2MHz), DIVS=/4 (1MHz), DIVA=/8 (32kHz)
SD14: reset values
RFPMM: battery switch on (EN_BATSWITCH=1)
(3)
CSS: SELM=HF_CLK, SELS=SELA=LF_CLK, DIVM=/2 (2MHz), DIVS=/32 (8kHz), DIVA=/16 (16kHz)
SD14: reset values
RFPMM: EN_BATSWITCH=1(battery switch enabled)
(4)
CSS: SELM=HF_CLK, SELS=SELA=LF_CLK, DIVM=/2 (2MHz), DIVS=/32 (8kHz), DIVA=/16 (16kHz)
SD14: reset values
RFPMM: EN_BATSWITCH=1(battery switch enabled)
Copyright © 2012–2014, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: RF430FRL152H RF430FRL153H RF430FRL154H


Similar Part No. - RF430FRL153HCRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL153H TI-RF430FRL153H Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
More results

Similar Description - RF430FRL153HCRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF37S114 TI1-RF37S114 Datasheet
263Kb / 10P
[Old version datasheet]   RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
logo
Zentrum Mikroelektronik...
ZMD41211 ZMD-ZMD41211 Datasheet
1Mb / 47P
   ISO 15693 Wireless Tag IC with Integrated Temperature Sensor
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
logo
STMicroelectronics
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
Texas Instruments
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com