Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF430FRL152H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RF430FRL152H
Description  RF430FRL15xH NFC ISO 15693 Sensor Transponder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430FRL152H Datasheet(HTML) 1 Page - Texas Instruments

  RF430FRL152H Datasheet HTML 1Page - Texas Instruments RF430FRL152H Datasheet HTML 2Page - Texas Instruments RF430FRL152H Datasheet HTML 3Page - Texas Instruments RF430FRL152H Datasheet HTML 4Page - Texas Instruments RF430FRL152H Datasheet HTML 5Page - Texas Instruments RF430FRL152H Datasheet HTML 6Page - Texas Instruments RF430FRL152H Datasheet HTML 7Page - Texas Instruments RF430FRL152H Datasheet HTML 8Page - Texas Instruments RF430FRL152H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
RF430FRL152H, RF430FRL153H, RF430FRL154H
SLAS834C – NOVEMBER 2012 – REVISED DECEMBER 2014
RF430FRL15xH NFC ISO 15693 Sensor Transponder
1
Device Overview
1.1
Features
1
256-kHz Internal Low-Frequency Clock
• ISO/IEC 15693, ISO/IEC 18000-3 (Mode 1)
Source
Compliant RF Interface
External Clock Input
• Power Supply System With Either Battery or
13.56-MHz H-Field Supply
– 16-Bit Timer_A With Three Capture/Compare
Registers
• 14-Bit Sigma-Delta Analog-to-Digital Converter
(ADC)
– LV Port Logic
• Internal Temperature Sensor
VOL Lower Than 0.15 V at 400 µA
• Resistive Sensor Bias Interface
VOH Higher Than (VDDB – 0.15 V) at 400 µA
• CRC16 CCITT Generator
Timer_A PWM Signal Available on All Ports
• MSP430™ Mixed-Signal Microcontroller
– eUSCI_B Module Supports 3-Wire and 4-Wire
SPI and I2C
– 2KB of FRAM
– 32-Bit Watchdog Timer (WDT_A)
– 4KB of SRAM
– ROM Development Mode (Map ROM Addresses
– 8KB of ROM
to SRAM to Enable Firmware Development)
– Supply Voltage Range: 1.45 V to 1.65 V
– Full 4-Wire JTAG Debug Interface
– Low Power Consumption
• For Complete Module Descriptions, See the
Active Mode (AM): 140 µA/MHz (1.5 V)
RF430FRL15xH Family Technical Reference
Standby Mode (LPM3): 16 µA
Manual (SLAU506)
– 16-Bit RISC Architecture
• For Application Operation and Programming, See
– Up to 2-MHz CPU System Clock
the RF430FRL15xH Firmware User's Guide
– Compact Clock System
(SLAU603)
4-MHz High-Frequency Clock
1.2
Applications
Industrial Wireless Sensors
Medical Wireless Sensors
1.3
Description
The RF430FRL15xH device is a 13.56-MHz transponder chip with a programmable 16-bit MSP430™ low-
power microcontroller. The device features embedded universal FRAM nonvolatile memory for storage of
program code or user data such as calibration and measurement data. The RF430FRL15xH supports
communication, parameter setting, and configuration through the ISO/IEC 15693, ISO/IEC 18000-3
compliant RFID interface and the SPI or I2C interface. Sensor measurements are supported by the
internal temperature sensor and the onboard 14-bit sigma-delta analog-to-digital converter (ADC), and
digital sensors can be connected through SPI or I2C.
The RF430FRL15xH device is optimized for operation in fully passive (battery-less) or single-cell battery-
powered (semi-active) mode to achieve extended battery life in portable and wireless sensing applications.
FRAM is a nonvolatile memory that combines the speed, flexibility, and endurance of SRAM with the
stability and reliability of flash, all at lower total power consumption.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - RF430FRL152H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
More results

Similar Description - RF430FRL152H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF37S114 TI1-RF37S114 Datasheet
263Kb / 10P
[Old version datasheet]   RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
logo
Zentrum Mikroelektronik...
ZMD41211 ZMD-ZMD41211 Datasheet
1Mb / 47P
   ISO 15693 Wireless Tag IC with Integrated Temperature Sensor
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
logo
STMicroelectronics
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
Texas Instruments
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com