Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG711 Datasheet(PDF) 5 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG711 Datasheet(HTML) 5 Page - Texas Instruments

  REG711_16 Datasheet HTML 1Page - Texas Instruments REG711_16 Datasheet HTML 2Page - Texas Instruments REG711_16 Datasheet HTML 3Page - Texas Instruments REG711_16 Datasheet HTML 4Page - Texas Instruments REG711_16 Datasheet HTML 5Page - Texas Instruments REG711_16 Datasheet HTML 6Page - Texas Instruments REG711_16 Datasheet HTML 7Page - Texas Instruments REG711_16 Datasheet HTML 8Page - Texas Instruments REG711_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REG711
5
SBVS027A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, unless otherwise noted.
SHORT-CIRCUIT LOAD CURRENT vs V
IN
V
IN (V)
250
225
200
175
150
125
100
75
50
25
0
3
3.5
4
22.5
1.5
4.5
5
5.5
OUTPUT RIPPLE VOLTAGE
2.5
µs/div
20mV/div
20mV/div
C
OUT = 2.2µF
REG711-3.0
I
OUT = 15mA
V
IN = 2.4V
C
OUT = 10µF
BW = 20MHz
MAXIMUM LOAD CURRENT vs INPUT VOLTAGE
T
A ≤ 85°C
V
IN (V)
60
50
40
30
20
10
0
3
1.5
2
2.5
3.5
4
4.5
5
5.5
6
REG711-5.0
REG711-5.0
TA ≤ 80°C
REG711-2.7
REG711-3.0
REG711-3.3
REG711-2.5
OUTPUT RIPPLE VOLTAGE vs V
IN
V
IN (V)
60
50
40
30
20
10
0
3
1.5
2
2.5
3.5
4
4.5
5
5.5
REG711-2.5
COUT = 2.2µF
REG711-5.0
COUT = 2.2µF
REG711-3.0
COUT = 2.2µF
REG711-3.0
COUT = 10µF
REG711-5.0
COUT = 10µF
REG711-2.5
COUT = 10µF
INPUT CURRENT AT TURN-ON
50
µs/div
100mA/div
2V/div
V
OUT
I
IN
REG711-3.3V
V
IN = 3.0V
I
OUT = 50mA
BW = 20MHz
OUTPUT RIPPLE VOLTAGE vs V
IN
V
IN (V)
60
50
40
30
20
10
0
3
1.5
2
2.5
3.5
4
4.5
5
5.5
REG711-2.7
COUT = 2.2µF
REG711-3.3
COUT = 2.2µF
REG711-3.3
COUT = 10µF
REG711-2.7
COUT = 10µF


Similar Part No. - REG711_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-2.5 TI-REG711EA-2.5 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-2.5/250 TI-REG711EA-2.5/250 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-2.5/250 TI1-REG711EA-2.5/250 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-2.5/250G4 TI1-REG711EA-2.5/250G4 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
More results

Similar Description - REG711_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711 TI-REG711 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com