Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX8574D3BCV Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLX8574D3BCV
Description  1G/10G 850nmMultimode Datacom SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8574D3BCV Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLX8574D3BCV Datasheet HTML 1Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 2Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 3Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 4Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 5Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 6Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 7Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 8Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FTLX8574D3BCV Product Specification
 Finisar Corporation - June 2015
Rev. B
Page 3
II.
Absolute Maximum Ratings
Exceeding the limits below may damage the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TA
-5
70
°C
Relative Humidity
RH
0
85
%
1
Notes:
1.
Non-condensing.
III.
Electrical Characteristics (TOP = -5 to 70 °C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.14
3.46
V
Supply Current
Icc
250
mA
Transmitter
Input differential impedance
Rin
100
1
Differential data input swing
Vin,pp
180
700
mV
2
Transmit Disable Voltage
VD
2
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
Receiver
Differential data output swing
Vout,pp
300
850
mV
3
Data output rise time, fall time
tr
28
ps
4
LOS Fault
VLOS fault
2
VccHOST
V
5
LOS Normal
VLOS norm
Vee
Vee+0.8
V
5
Power Supply Noise Tolerance
VccT/VccR
Per SFF-8431 Rev 4.1
mVpp
6
Notes:
1.
Connected directly to TX data input pins. AC coupling from pins into laser driver IC.
2.
Voltage swing for 1G operation is equivalent to voltage swing in 10G operation (SFF-8431 Rev
4.1).
3.
Into 100
Ω differential termination. Voltage swing for 1G operation is equivalent to voltage swing
in 10G operation (SFF-8431 Rev 4.1).
4.
20 – 80 % . Measured with Module Compliance Test Board and OMA test pattern. Use of four 1’s
and four 0’s in sequence in the PRBS^9 is an acceptable alternative. SFF-8431 Rev 4.1
5.
LOS is an open collector output. Should be pulled up with 4.7k
Ω – 10kΩ on the host board.
Normal operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V.
6.
Testing methodology per SFF-8431. Rev 4.1.


Similar Part No. - FTLX8574D3BCV

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FTLX8574D3BCV-C ATGBICS-FTLX8574D3BCV-C Datasheet
377Kb / 10P
   FTLX8574D3BCV Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
FTLX8574D3BCV-IT-C ATGBICS-FTLX8574D3BCV-IT-C Datasheet
378Kb / 10P
   FTLX8574D3BCV-IT Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
FTLX8574D3BCV-S5-C ATGBICS-FTLX8574D3BCV-S5-C Datasheet
378Kb / 10P
   FTLX8574D3BCV-S5 Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
FTLX8574D3BCV-SU-C ATGBICS-FTLX8574D3BCV-SU-C Datasheet
378Kb / 10P
   FTLX8574D3BCV-SU Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - FTLX8574D3BCV

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8571D3BCV FINISAR-FTLX8571D3BCV Datasheet
757Kb / 13P
   RoHS-6 Compliant 1G/10G 850nmMultimode Datacom SFP Transceiver
FTLX8574D3BCL FINISAR-FTLX8574D3BCL Datasheet
793Kb / 12P
   10Gb/s 850nmMultimode Datacom SFP Transceiver
FTLX1471D3BCV FINISAR-FTLX1471D3BCV Datasheet
686Kb / 14P
   RoHS-6 Compliant 1G/10G 10km Datacom SFP Transceiver
logo
Source Photonics, Inc.
FTM-811XC-L03DG SOURCE-FTM-811XC-L03DG Datasheet
260Kb / 13P
   10G 850nm SFP Transceiver
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
   ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
   1G節?.5Gbps Spring-latch SFP Transceiver
logo
PHOENIX CONTACT
1334210 PHOENIX-1334210 Datasheet
780Kb / 22P
   Transceiver - FOC-TRX-SFP-1G-SX-IT
1334213 PHOENIX-1334213 Datasheet
416Kb / 11P
   Transceiver - FOC-TRX-SFP-1G-LX-IT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com