Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX6872MCC Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX6872MCC
Description  10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6872MCC Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX6872MCC Datasheet HTML 1Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 2Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 3Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 4Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 5Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 6Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 7Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 8Page - Finisar Corporation. FTLX6872MCC Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FTLX6871/72MCC Product Specification
 Finisar Corporation October 2015
Rev. B1
Page 4
IV. Optical Characteristics (TOP = -5 to 70
°C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter (Tx)
Average Launch Power
PAVE
-1
+3
dBm
Optical Wavelength
λ
c
As per ITU-T 694.1,
50GHz spacing
1528.77 to 1563.86
nm
Side-Mode Suppression Ratio
SMSR
30
dB
Optical Extinction Ratio
ER
8.2
dB
Average Launch power when Tx is OFF
POFF
-30
dBm
Tx Jitter 20kHz - 80MHz
Txj1
0.3
UI
Tx Jitter 4MHz - 80MHz
Txj2
0.1
UI
Relative Intensity Noise
RIN
-128
dB/Hz
Center Wavelength
Beginning of Life
λ
c_BOL
z-1.5
z
z+1.5
GHz
End of Life
λ
c_EOL
z-2.5
z
z+2.5
GHz
Path Penalty over 80km
Bit rate
Dispersion
BER
8.5 Gb/s
1450ps/nm
<1E-12
DP1
1
dB
9.95 Gb/s
DP2
1
dB
10.7 Gb/s
DP3
2
dB
11.1 Gb/s
1300ps/nm
<1E-4
DP4
2
dB
11.3 Gb/s
1100ps/nm
<1E-4
DP5
2
dB
Receiver (Rx) at 0ps/nm
Bit rate
BER
8.5, 9.95
<1E-12
RSENS1
-24.0
dBm
1,2
10.7 Gb/s
<1E-12
RSENS2
-23.0
dBm
1,2
11.1 Gb/s
<1E-12
RSENS3
-23.0
dBm
<1E-4
RSENS4
-27.0
dBm
11.3 Gb/s
<1E-4
RSENS5
-27.0
dBm
Overload (Average Power)
PAVE
-7
dBm
Optical Center Wavelength
λ
C
1260
1600
nm
LOS De-Assert
LOSD
-25
dBm
LOS Assert
LOSA
-34
-27
dBm
LOS Hysteresis
LOSH
0.5
dB
Receiver Reflectance
Rrx
-27
dB


Similar Part No. - FTLX6872MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
More results

Similar Description - FTLX6872MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com