Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX2471DC0XX Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX2471DC0XX
Description  RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX2471DC0XX Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX2471DC0XX Datasheet HTML 3Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 4Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 5Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 6Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 7Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 8Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 9Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 10Page - Finisar Corporation. FTLX2471DC0XX Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FTLX2471DC0xx Product Specification
 Finisar Corporation August 2015
Rev. C
Page 7
IX. Digital Diagnostic Specifications
FTLX2471DC0xx transceivers can be used in host systems that require either internally
or externally calibrated digital diagnostics.
Parameter
Symbol
Units
Min
Max
Accuracy
Ref.
Transceiver temperature
∆DD
Temp
ºC
-10
75
±5ºC
1
Transceiver supply voltage
∆DD
Voltage
V
2.8
4.0
±3%
Transmitter bias current
∆DD
Bias
mA
0
20
±10%
2
Transmitter output power
∆DD
Tx-Power
dBm
-5
+2
±2dB
Receiver average optical input power
∆DD
Rx-Power
dBm
-20
+2
±2dB
Notes:
1. Internally measured
2. Accuracy of measured Tx bias current is 10% of the actual bias current from the laser driver to
the laser.


Similar Part No. - FTLX2471DC0XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX2471DC027 FINISAR-FTLX2471DC027 Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX2471DC029 FINISAR-FTLX2471DC029 Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX2471DC031 FINISAR-FTLX2471DC031 Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX2471DC033 FINISAR-FTLX2471DC033 Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
More results

Similar Description - FTLX2471DC0XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX2471DC027 FINISAR-FTLX2471DC027 Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BTL FINISAR-FTLX1475D3BTL Datasheet
542Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX2071D327 FINISAR-FTLX2071D327 Datasheet
699Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional Datacom SFP Transceiver
FTLX1475D3BNL FINISAR-FTLX1475D3BNL Datasheet
610Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX1475D3BCL FINISAR-FTLX1475D3BCL Datasheet
618Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX1471D3BNL FINISAR-FTLX1471D3BNL Datasheet
659Kb / 12P
   RoHS-6 Compliant 10Gb/s Extended Temperature 10km Single Mode Datacom SFP Transceiver
FTLX1471D3BTL FINISAR-FTLX1471D3BTL Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s Industrial Temperature 10km Single Mode Datacom SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com