Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX2071D327 Datasheet(PDF) 10 Page - Finisar Corporation.

Part # FTLX2071D327
Description  RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional Datacom SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX2071D327 Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button FTLX2071D327 Datasheet HTML 3Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 4Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 5Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 6Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 7Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 8Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 9Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 10Page - Finisar Corporation. FTLX2071D327 Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FTLX2071D3xx Product Specification
 Finisar Corporation – October 2015
Rev. C1
Page 10
XII.
Host - Transceiver Interface Block Diagram
Figure 6-Host-Module Interface


Similar Part No. - FTLX2071D327

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
FTLX2072D333 FINISAR-FTLX2072D333 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
More results

Similar Description - FTLX2071D327

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BTL FINISAR-FTLX1475D3BTL Datasheet
542Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX1475D3BNL FINISAR-FTLX1475D3BNL Datasheet
610Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX2471DC0XX FINISAR-FTLX2471DC0XX Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCL FINISAR-FTLX1475D3BCL Datasheet
618Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX2471DC027 FINISAR-FTLX2471DC027 Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
FTLX1471D3BNL FINISAR-FTLX1471D3BNL Datasheet
659Kb / 12P
   RoHS-6 Compliant 10Gb/s Extended Temperature 10km Single Mode Datacom SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com