Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1471D3BCV Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX1471D3BCV
Description  RoHS-6 Compliant 1G/10G 10km Datacom SFP Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1471D3BCV Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX1471D3BCV Datasheet HTML 1Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 2Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 3Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 4Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 5Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 6Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 7Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 8Page - Finisar Corporation. FTLX1471D3BCV Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FTLX1471D3BCV Datacom SFP+ Product Specification
 Finisar Corporation - August 2015
Rev. C
Page 4
IV.
Optical Characteristics for RS0 = LOW (1G Operation)
(TOP = -5 to 70 °C, VCC3 = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Average Launch Power
PAVE
-11
-3
dBm
1
Optical Wavelength
λ
1260
1355
nm
Rise-Fall Time
Trise/Tfall
0.26
ns
2
RMS Spectral Width
∆λ
rms
4
nm
Optical Extinction Ratio
ER
9
dB
Average Launch power of OFF
transmitter
POFF
-30
dBm
Tx Jitter
Txj
Per 802.3-2005 requirements
Relative Intensity Noise
RIN
-120
dB/Hz
Receiver
Receiver Sensitivity
RSENS
-19
dBm
3
Stressed Receiver Sensitivity
SRS
-14.4
dBm
4
Average Receive Power
PAVE
-3
dBm
Optical Center Wavelength
λ
C
1260
1600
nm
Return Loss
Rrx
12
dB
Receive electrical 3dB upper cutoff
frequency
1500
MHz
LOS De-Assert
LOSD
-17
dBm
LOS Assert
LOSA
-30
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
Average power figures are informative only, per IEEE 802.3-2005.
2.
20%-80%.
3.
Valid between 1260 and 1355 nm. Measured with worst-case ER; BER<10
-12; 231 – 1 PRBS.
4.
Valid between 1260 and 1355 nm. Per IEEE 802.3-2005. 9dB extinction ratio transmitter.


Similar Part No. - FTLX1471D3BCV

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLX1471D3BCV FRONTIER-FTLX1471D3BCV Datasheet
1Mb / 5P
   Product Guide
logo
ATGBICS by Approved Tec...
FTLX1471D3BCV-C ATGBICS-FTLX1471D3BCV-C Datasheet
397Kb / 10P
   FTLX1471D3BCV Finisar Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM, Ext Temp)
FTLX1471D3BCV-I3-C ATGBICS-FTLX1471D3BCV-I3-C Datasheet
396Kb / 10P
   FTLX1471D3BCV-I3 Finisar Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM, Ext Temp)
More results

Similar Description - FTLX1471D3BCV

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8571D3BCV FINISAR-FTLX8571D3BCV Datasheet
757Kb / 13P
   RoHS-6 Compliant 1G/10G 850nmMultimode Datacom SFP Transceiver
FTLX8574D3BCV FINISAR-FTLX8574D3BCV Datasheet
792Kb / 13P
   1G/10G 850nmMultimode Datacom SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX2071D327 FINISAR-FTLX2071D327 Datasheet
699Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional Datacom SFP Transceiver
FTLX1475D3BTL FINISAR-FTLX1475D3BTL Datasheet
542Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX1475D3BNL FINISAR-FTLX1475D3BNL Datasheet
610Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX2471DC0XX FINISAR-FTLX2471DC0XX Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCL FINISAR-FTLX1475D3BCL Datasheet
618Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com