Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1370W3BTL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLX1370W3BTL
Description  9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1370W3BTL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLX1370W3BTL Datasheet HTML 1Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 2Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX1370W3BTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FTLX1370W3BTL Product Specification – April 2013
F i n i s a r
 Finisar Corporation April 11, 2013 Rev. A3
Page 3
II.
Absolute Maximum Ratings
Exceeding the limits below may damage the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
C
Relative Humidity
RH
0
85
%
1
1.
Non-condensing.
III.
Electrical Characteristics (TOP = -40 to 85 C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.14
3.30
3.46
V
Supply Current
Icc
430
mA
Transmitter
Input differential impedance
Rin
100
1
Differential data input swing
Vin,pp
180
2400
mV
Transmit Disable Voltage
VD
2
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
Receiver
Differential data output swing
Vout,pp
300
850
mV
2,6
Output rise time and fall time
Tr, Tf
28
ps
3
LOS Fault
VLOS fault
2
VccHOST
V
4
LOS Normal
VLOS norm
Vee
Vee+0.8
V
4
Power Supply Noise Tolerance
VccT/VccR
Per SFF-8431 Rev 4.1
mVpp
5
Notes:
1.
Connected directly to TX data input pins. AC coupling from pins into laser driver IC.
2.
Into 100 differential termination.
3.
20 – 80%. Measured with Module Compliance Test Board and OMA test pattern. Use of four 1’s and
four 0’s sequence in the PRBS 9 is an acceptable alternative. SFF-8431 Rev 4.1.
4.
LOS is an open collector output. Should be pulled up with 4.7k – 10k on the host board. Normal
operation is logic 0; loss of signal is logic 1.
5.
See Section 2.8.3 of SFF-8431 Rev 4.1.
6.
The FTLX1370D3BTL is a “limiting module”, i.e., it employs a limiting receiver. Host board designers
using an EDC PHY IC should follow the IC manufacturer’s recommended settings for interoperating
the host-board EDC PHY with a limiting receiver SFP+ module.


Similar Part No. - FTLX1370W3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1370W4BTL FINISAR-FTLX1370W4BTL Datasheet
804Kb / 12P
   9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Rev A1
FTLX1370W4BTL-TM FINISAR-FTLX1370W4BTL-TM Datasheet
804Kb / 12P
   9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Rev A1
More results

Similar Description - FTLX1370W3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1370W4BTL FINISAR-FTLX1370W4BTL Datasheet
804Kb / 12P
   9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Rev A1
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1328P2BNV FINISAR-FTLF1328P2BNV Datasheet
718Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1428P2BNV FINISAR-FTLF1428P2BNV Datasheet
709Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com