Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLQ1381N7NL Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTLQ1381N7NL
Description  40G NRZ VSR Multi-Rate CFP Optical Transceiver Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLQ1381N7NL Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTLQ1381N7NL Datasheet HTML 5Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 6Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 7Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 8Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 9Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 10Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 11Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 12Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FTLQ1381N7NL Product Specification
 Finisar Corporation – October 2015
Rev. B1
Page 11
XII.
Mechanical Specifications
Finisar FTLQ1381 CFP transceivers are compatible with the CFP MSA specification for
40G/100G pluggable form factor modules.
Figure 1. FTLQ1381 Outline Mechanical Dimensions (LC-straight connector).


Similar Part No. - FTLQ1381N7NL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLQ8181EBLM FINISAR-FTLQ8181EBLM Datasheet
480Kb / 11P
   100m 40G Ethernet CFP Optical Transceiver Module
More results

Similar Description - FTLQ1381N7NL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLQ8181EBLM FINISAR-FTLQ8181EBLM Datasheet
480Kb / 11P
   100m 40G Ethernet CFP Optical Transceiver Module
FTLC8221SCNM FINISAR-FTLC8221SCNM Datasheet
406Kb / 11P
   100m Multi-rate 100GE CFP2 Optical Transceiver Module
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
   10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC1122SDNL FINISAR-FTLC1122SDNL Datasheet
461Kb / 11P
   10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com