Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLQ1381N7NL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLQ1381N7NL
Description  40G NRZ VSR Multi-Rate CFP Optical Transceiver Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLQ1381N7NL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLQ1381N7NL Datasheet HTML 1Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 2Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 3Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 4Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 5Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 6Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 7Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 8Page - Finisar Corporation. FTLQ1381N7NL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FTLQ1381N7NL Product Specification
 Finisar Corporation – October 2015
Rev. B1
Page 4
Bottom Row Pin Description
PIN
#
Name
I/O
Logic
Description
1
3.3V_GND
3.3V Module Supply Voltage Return Ground, internally connected to Signal
Ground
2
3.3V_GND
3
3.3V_GND
4
3.3V_GND
5
3.3V_GND
6
3.3V
3.3V Module Supply Voltage
7
3.3V
3.3V Module Supply Voltage
8
3.3V
3.3V Module Supply Voltage
9
3.3V
3.3V Module Supply Voltage
10
3.3V
3.3V Module Supply Voltage
11
3.3V
3.3V Module Supply Voltage
12
3.3V
3.3V Module Supply Voltage
13
3.3V
3.3V Module Supply Voltage
14
3.3V
3.3V Module Supply Voltage
15
3.3V
3.3V Module Supply Voltage
16
3.3V_GND
3.3V Module Supply Voltage Return Ground, internally connected to Signal
Ground
17
3.3V_GND
18
3.3V_GND
19
3.3V_GND
20
3.3V_GND
21
VND_IO_A
I/O
Module Vendor I/O A. Do Not Connect!
22
VND_IO_B
I/O
Module Vendor I/O B. Do Not Connect!
23
GND
24
TX_MCLKn
O
CML
Tx Monitor clock
25
TX_MCLKp
O
CML
Rx Monitor clock
26
GND
27
VND_IO_C
I/O
Module Vendor I/O C. Do Not Connect!
28
VND_IO_D
I/O
Module Vendor I/O D. Do Not Connect!
29
VND_IO_E
I/O
Module Vendor I/O E. Do Not Connect!
30
PRG_CNTL1
I
LVCMOS w/ PUR
Programmable Control 1 set over MDIO, Default: TRXIC_RSTn, TX & RX ICs
reset, "0": reset; "1" or NC: enabled (i.e., not used).
31
PRG_CNTL2
I
LVCMOS w/ PUR
Programmable Control 2 set over MDIO, Default: Hardware Interlock LSB, "00":
≤8W; "01": ≤16W; "10": ≤24W; "11" or NC: ≤32W (i.e., not used).
32
PRG_CNTL3
I
LVCMOS w/ PUR
Programmable Control 3 set over MDIO, Default: Hardware Interlock MSB, "00":
≤8W; "01": ≤16W; "10": ≤24W; "11" or NC: ≤32W (i.e., not used).
33
PRG_ALRM1
O
LVCMOS
Programmable Alarm 1 set over MDIO, Default: HIPWR_ON, "1": module power
up completed; "0": module not high powered up.
34
PRG_ALRM2
O
LVCMOS
Programmable Alarm 2 set over MDIO, Default: MOD_READY, "1": Ready; "0":
not Ready.
35
PRG_ALRM3
O
LVCMOS
Programmable Alarm 3 set over MDIO, Default: MOD_FAULT, fault detected,
"1": Fault; "0": No Fault.
36
TX_DIS
I
LVCMOS w/ PUR
Transmitter Disable for all lanes, "1" or NC = transmitter disabled, "0" =
transmitter enabled
37
MOD_LOPWR
I
LVCMOS w/ PUR
Module Low Power Mode. "1" or NC: module in low power (safe) mode, "0":
power-on enabled
38
MOD_ABS
O
GND
Module Absent. "1" or NC: module absent, "0": module present, Pull Up Resistor
on Host


Similar Part No. - FTLQ1381N7NL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLQ8181EBLM FINISAR-FTLQ8181EBLM Datasheet
480Kb / 11P
   100m 40G Ethernet CFP Optical Transceiver Module
More results

Similar Description - FTLQ1381N7NL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLQ8181EBLM FINISAR-FTLQ8181EBLM Datasheet
480Kb / 11P
   100m 40G Ethernet CFP Optical Transceiver Module
FTLC8221SCNM FINISAR-FTLC8221SCNM Datasheet
406Kb / 11P
   100m Multi-rate 100GE CFP2 Optical Transceiver Module
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
   10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC1122SDNL FINISAR-FTLC1122SDNL Datasheet
461Kb / 11P
   10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com