Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063ADR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063ADR
Description  1.5-A Peak Boost/Buck/Inverting Switching Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MC33063ADR Datasheet(HTML) 1 Page - Texas Instruments

  MC33063ADR Datasheet HTML 1Page - Texas Instruments MC33063ADR Datasheet HTML 2Page - Texas Instruments MC33063ADR Datasheet HTML 3Page - Texas Instruments MC33063ADR Datasheet HTML 4Page - Texas Instruments MC33063ADR Datasheet HTML 5Page - Texas Instruments MC33063ADR Datasheet HTML 6Page - Texas Instruments MC33063ADR Datasheet HTML 7Page - Texas Instruments MC33063ADR Datasheet HTML 8Page - Texas Instruments MC33063ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
+
Q
S
1.25-V
Reference
Regulator
R
CT
Ipk
Oscillator
Q2
Q1
Switch
Collector
4
Switch
Emitter
Timing
Capacitor
GND
3
2
1
8
7
6
5
Comparator
Inverting Input
VCC
Ipk
Sense
Drive
Collector
100 W
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
MC33063A, MC34063A
SLLS636N – DECEMBER 2004 – REVISED JANUARY 2015
MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
1 Features
3 Description
The MC33063A and MC34063A devices are easy-to-
1
Wide Input Voltage Range: 3 V to 40 V
use ICs containing all the primary circuitry needed for
High Output Switch Current: Up to 1.5 A
building simple DC-DC converters. These devices
Adjustable Output Voltage
primarily
consist
of
an
internal
temperature-
compensated reference, a comparator, an oscillator,
Oscillator Frequency Up to 100 kHz
a PWM controller with active current limiting, a driver,
Precision Internal Reference: 2%
and a high-current output switch. Thus, the devices
Short-Circuit Current Limiting
require
minimal
external
components
to
build
converters
in
the
boost,
buck,
and
inverting
Low Standby Current
topologies.
2 Applications
The MC33063A device is characterized for operation
from –40°C to 85°C, while the MC34063A device is
Blood Gas Analyzers: Portable
characterized for operation from 0°C to 70°C.
Cable Solutions
HMIs (Human Machine Interfaces)
Device Information(1)
Telecommunications
PART NUMBER
PACKAGE (PIN)
BODY SIZE
Portable Devices
SOIC (8)
4.90 mm × 3.91 mm
Consumer & Computing
MC3x063A
SON (8)
4.00 mm × 4.00 mm
PDIP (8)
9.81 mm × 6.35 mm
Test & Measurement
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MC33063ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063ADR TI-MC33063ADR Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADR TI-MC33063ADR Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADR TI-MC33063ADR Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Guangdong Youtai Semico...
MC33063ADR UMW-MC33063ADR Datasheet
830Kb / 5P
   DC-DC conversion control circuit
logo
ON Semiconductor
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC33063ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com