Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5994 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5994
Description  Mixed-Signal Microcontrollers
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5994 Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSP430FR5994 Datasheet HTML 68Page - Texas Instruments MSP430FR5994 Datasheet HTML 69Page - Texas Instruments MSP430FR5994 Datasheet HTML 70Page - Texas Instruments MSP430FR5994 Datasheet HTML 71Page - Texas Instruments MSP430FR5994 Datasheet HTML 72Page - Texas Instruments MSP430FR5994 Datasheet HTML 73Page - Texas Instruments MSP430FR5994 Datasheet HTML 74Page - Texas Instruments MSP430FR5994 Datasheet HTML 75Page - Texas Instruments MSP430FR5994 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 166 page
background image
72
MSP430FR5994, MSP430FR59941, MSP430FR5992, MSP430FR5964, MSP430FR5962
SLASE54 – MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR5994 MSP430FR59941 MSP430FR5992 MSP430FR5964 MSP430FR5962
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
6.12 Peripherals
Peripherals are connected to the CPU through data, address, and control buses. The peripherals can be
managed
using
all
instructions.
For
complete
module
descriptions,
see
the
MSP430FR58xx,
MSP430FR59xx, MSP430FR68xx, MSP430FR69xx Family User's Guide (SLAU367).
6.12.1 Digital I/O
Up to nine 8-bit I/O ports are implemented (see Table 6-52 through Table 6-56 for control and
configuration registers):
All individual I/O bits are independently programmable.
Any combination of input, output, and interrupt conditions is possible.
Programmable pullup or pulldown on all ports.
Edge-selectable interrupt and LPM3.5 and LPM4.5 wake-up input capability is available for all pins of
ports P1, P2, P3, P4, P5, P6, P7, and P8.
Read and write access to port control registers is supported by all instructions.
Ports can be accessed byte-wise or word-wise in pairs.
All pins of ports P1, P2, P3, P4, P5, P6, P7, P8, and PJ support capacitive touch functionality.
No cross-currents during start-up.
NOTE
Configuration of Digital I/Os After BOR Reset
To prevent any cross currents during start-up of the device, all port pins are high-impedance
with Schmitt triggers and their module functions disabled. To enable the I/O functionality after
a BOR reset, first configure the ports and then clear the LOCKLPM5 bit. For details, refer to
the Configuration After Reset section of the "Digital I/O" chapter in the MSP430FR58xx,
MSP430FR59xx, MSP430FR68xx, MSP430FR69xx Family User's Guide (SLAU367).
6.12.2 Oscillator and Clock System (CS)
The clock system includes support for a 32-kHz watch-crystal oscillator XT1 (LF), an internal very-low-
power low-frequency oscillator (VLO), an integrated internal digitally controlled oscillator (DCO), and a
high-frequency crystal oscillator XT2 (HF). The clock system module is designed to meet the requirements
of both low system cost and low power consumption. A fail-safe mechanism exists for all crystal sources.
See Table 6-49 for control and configuration registers.
The clock system module provides the following clock signals:
Auxiliary clock (ACLK). ACLK can be sourced from a 32-kHz watch crystal (LFXT1), the internal VLO,
or a digital external low-frequency (<50 kHz) clock source.
Main clock (MCLK), the system clock used by the CPU. MCLK can be sourced from a high-frequency
crystal (HFXT2), the internal DCO, a 32-kHz watch crystal (LFXT1), the internal VLO, or a digital
external clock source.
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules. SMCLK can be
sourced by same sources made available to MCLK.
6.12.3 Power-Management Module (PMM)
The PMM includes an integrated voltage regulator that supplies the core voltage to the device. The PMM
also includes supply voltage supervisor (SVS) and brownout protection. The brownout circuit provides the
proper internal reset signal to the device during power on and power off. The SVS circuitry detects if the
supply voltage drops below a safe level and below a user-selectable level. SVS circuitry is available on the
primary and core supplies. See Table 6-44 for control and configuration registers.


Similar Part No. - MSP430FR5994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
2Mb / 169P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI-MSP430FR5994 Datasheet
3Mb / 41P
[Old version datasheet]   MSP430FR5994 LaunchPad™ Development Kit
Revised September 2019
MSP430FR59941 TI1-MSP430FR59941 Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR59941IPM TI1-MSP430FR59941IPM Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com