Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5994 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5994
Description  Mixed-Signal Microcontrollers
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5994 Datasheet(HTML) 67 Page - Texas Instruments

Back Button MSP430FR5994 Datasheet HTML 63Page - Texas Instruments MSP430FR5994 Datasheet HTML 64Page - Texas Instruments MSP430FR5994 Datasheet HTML 65Page - Texas Instruments MSP430FR5994 Datasheet HTML 66Page - Texas Instruments MSP430FR5994 Datasheet HTML 67Page - Texas Instruments MSP430FR5994 Datasheet HTML 68Page - Texas Instruments MSP430FR5994 Datasheet HTML 69Page - Texas Instruments MSP430FR5994 Datasheet HTML 70Page - Texas Instruments MSP430FR5994 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 166 page
background image
67
MSP430FR5994, MSP430FR59941, MSP430FR5992, MSP430FR5964, MSP430FR5962
www.ti.com
SLASE54 – MARCH 2016
Submit Documentation Feedback
Product Folder Links: MSP430FR5994 MSP430FR59941 MSP430FR5992 MSP430FR5964 MSP430FR5962
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from peripheral space.
(3)
(Non)maskable: the individual interrupt enable bit can disable an interrupt event, but the general interrupt enable cannot disable it.
The vectors programmed into the address range from 0FFFFh to 0FFE0h are used as BSL password (if
enabled by the corresponding signature).
The signatures are at 0FF80h and extend to higher addresses. Signatures are evaluated during device
start-up. Table 6-5 lists the device-specific signature locations.
A JTAG password can be programmed starting at address 0FF88h and extending to higher addresses.
The password can extend into the interrupt vector locations using the interrupt vector addresses as
additional bits for the password. The length of the JTAG password depends on the JTAG signature.
Refer to the chapter "System Resets, Interrupts, and Operating Modes, System Control Module (SYS)" in
the MSP430FR58xx, MSP430FR59xx, MSP430FR68xx, MSP430FR69xx Family User's Guide (SLAU367)
for details.
Table 6-4. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
WORD
ADDRESS
PRIORITY
System Reset
Power up, brownout, supply
supervisor
External reset RST
Watchdog time-out (watchdog
mode)
WDT, FRCTL MPU, CS,
PMM password violation
FRAM uncorrectable bit error
detection
MPU segment violation
Software POR, BOR
SVSHIFG
PMMRSTIFG
WDTIFG
WDTPW, FRCTLPW, MPUPW, CSPW, PMMPW
UBDIFG
MPUSEGIIFG, MPUSEG1IFG, MPUSEG2IFG,
MPUSEG3IFG
PMMPORIFG, PMMBORIFG
(SYSRSTIV)(1) (2)
Reset
0FFFEh
Highest
System NMI
Vacant memory access
JTAG mailbox
FRAM access time error
FRAM write protection error
FRAM bit error detection
MPU segment violation
VMAIFG
JMBINIFG, JMBOUTIFG
ACCTEIFG, WPIFG
CBDIFG, UBDIFG
MPUSEGIIFG, MPUSEG1IFG, MPUSEG2IFG,
MPUSEG3IFG
(SYSSNIV) (1) (3)
(Non)maskable
0FFFCh
User NMI
External NMI
Oscillator fault
NMIIFG, OFIFG
(SYSUNIV)(1) (3)
(Non)maskable
0FFFAh
Comparator_E
CEIFG, CEIIFG
(CEIV)(1)
Maskable
0FFF8h
TB0
TB0CCR0.CCIFG
Maskable
0FFF6h
TB0
TB0CCR1.CCIFG ... TB0CCR6.CCIFG,
TB0CTL.TBIFG
(TB0IV)(1)
Maskable
0FFF4h
Watchdog timer (interval timer
mode)
WDTIFG
Maskable
0FFF2h
eUSCI_A0 receive or transmit
UCA0IFG: UCRXIFG, UCTXIFG (SPI mode)
UCA0IFG: UCSTTIFG, UCTXCPTIFG, UCRXIFG,
UCTXIFG (UART mode)
(UCA0IV)(1)
Maskable
0FFF0h
eUSCI_B0 receive or transmit
UCB0IFG: UCRXIFG, UCTXIFG (SPI mode)
UCB0IFG: UCALIFG, UCNACKIFG, UCSTTIFG,
UCSTPIFG, UCRXIFG0, UCTXIFG0, UCRXIFG1,
UCTXIFG1, UCRXIFG2, UCTXIFG2, UCRXIFG3,
UCTXIFG3, UCCNTIFG, UCBIT9IFG (I2C mode)
(UCB0IV)(1)
Maskable
0FFEEh


Similar Part No. - MSP430FR5994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
2Mb / 169P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI-MSP430FR5994 Datasheet
3Mb / 41P
[Old version datasheet]   MSP430FR5994 LaunchPad™ Development Kit
Revised September 2019
MSP430FR59941 TI1-MSP430FR59941 Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR59941IPM TI1-MSP430FR59941IPM Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com