Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5994 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5994
Description  Mixed-Signal Microcontrollers
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5994 Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP430FR5994 Datasheet HTML 38Page - Texas Instruments MSP430FR5994 Datasheet HTML 39Page - Texas Instruments MSP430FR5994 Datasheet HTML 40Page - Texas Instruments MSP430FR5994 Datasheet HTML 41Page - Texas Instruments MSP430FR5994 Datasheet HTML 42Page - Texas Instruments MSP430FR5994 Datasheet HTML 43Page - Texas Instruments MSP430FR5994 Datasheet HTML 44Page - Texas Instruments MSP430FR5994 Datasheet HTML 45Page - Texas Instruments MSP430FR5994 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 166 page
background image
42
MSP430FR5994, MSP430FR59941, MSP430FR5992, MSP430FR5964, MSP430FR5962
SLASE54 – MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR5994 MSP430FR59941 MSP430FR5992 MSP430FR5964 MSP430FR5962
Specifications
Copyright © 2016, Texas Instruments Incorporated
5.11.5 Digital I/Os
The digital I/O features include:
All individual I/O bits are independently programmable.
Any combination of input, output, and interrupt conditions is possible.
Programmable pullup or pulldown on all ports.
Edge-selectable interrupt and LPM3.5 and LPM4.5 wake-up input capability is available for all pins of
ports P1, P2, P3, P4, P5, P6, P7, and P8.
Read and write access to port control registers is supported by all instructions.
Ports can be accessed byte-wise or word-wise in pairs.
All pins of ports P1, P2, P3, P4, P5, P6, P7, P8, and PJ support capacitive touch functionality.
No cross-currents during start-up.
Table 5-11 lists the characteristics of the digital inputs.
(1)
If the port pins PJ.4/LFXIN and PJ.5/LFXOUT are used as digital I/Os, they are connected by a 4-pF capacitor and a 35-M
Ω resistor in
series. At frequencies of approximately 1 kHz and lower, the 4-pF capacitor can add to the pin capacitance of PJ.4/LFXIN or
PJ.5/LFXOUT.
(2)
The input leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(3)
The input leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
(4)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
(5)
Not applicable if RST/NMI pin configured as NMI .
Table 5-11. Digital Inputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
2.2 V
1.2
1.65
V
3.0 V
1.65
2.25
VIT–
Negative-going input threshold voltage
2.2 V
0.55
1.00
V
3.0 V
0.75
1.35
Vhys
Input voltage hysteresis (VIT+ – VIT–)
2.2 V
0.44
0.98
V
3.0 V
0.60
1.30
RPull
Pullup or pulldown resistor
For pullup: VIN = VSS
For pulldown: VIN = VCC
20
35
50
k
Ω
CI,dig
Input capacitance, digital only port pins
VIN = VSS or VCC
3
pF
CI,ana
Input capacitance, port pins with shared analog
functions(1)
VIN = VSS or VCC
5
pF
Ilkg(Px.y)
High-impedance input leakage current
See (2) and (3)
2.2 V,
3.0 V
–20
+20
nA
t(int)
External interrupt timing (external trigger pulse
duration to set interrupt flag)(4)
Ports with interrupt capability
(see block diagram and
terminal function
descriptions).
2.2 V,
3.0 V
20
ns
t(RST)
External reset pulse duration on RST (5)
2.2 V,
3.0 V
2
µs


Similar Part No. - MSP430FR5994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
2Mb / 169P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI-MSP430FR5994 Datasheet
3Mb / 41P
[Old version datasheet]   MSP430FR5994 LaunchPad™ Development Kit
Revised September 2019
MSP430FR59941 TI1-MSP430FR59941 Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR59941IPM TI1-MSP430FR59941IPM Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com