Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3318IPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3318IPWR
Description  TRANSCEIVER WITH ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3318IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3318IPWR Datasheet HTML 4Page - Texas Instruments MAX3318IPWR Datasheet HTML 5Page - Texas Instruments MAX3318IPWR Datasheet HTML 6Page - Texas Instruments MAX3318IPWR Datasheet HTML 7Page - Texas Instruments MAX3318IPWR Datasheet HTML 8Page - Texas Instruments MAX3318IPWR Datasheet HTML 9Page - Texas Instruments MAX3318IPWR Datasheet HTML 10Page - Texas Instruments MAX3318IPWR Datasheet HTML 11Page - Texas Instruments MAX3318IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
tWU
VCC
0
0
V+
V−
VCC
0
Driver
Inputs
Receiver
Inputs
}
INVALID
Output
Driver
Outputs
VCC
Invalid
Region
Ready
Output
tINVH
tWU
tINVL
VOLTAGE WAVEFORMS
TEST CIRCUIT
50
Generator
(see Note B)
ROUT
Auto-Power-
Down Plus
INVALID
DOUT
DIN
CL = 30 pF
(see Note A)
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
For More Than 30
µs, INVALID Is Low
Valid RS-232 Level, INVALID High
Auto power down disables drivers and reduces supply
current to 1
µA.
FORCEON
FORCEOFF
MAX3318
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 4. INVALID Propagation Delay Times and Supply Enabling Time
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: MAX3318


Similar Part No. - MAX3318IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318IPWR TI-MAX3318IPWR Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318IPWRE4 TI-MAX3318IPWRE4 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3318IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
   ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
[Old version datasheet]   THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Sipex Corporation
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
   Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
ON Semiconductor
NUF2101MT1 ONSEMI-NUF2101MT1 Datasheet
38Kb / 4P
   USB Filter with ESD Protection
March, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com